Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 41 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 37Page - OSRAM GmbH D7BCT Datasheet HTML 38Page - OSRAM GmbH D7BCT Datasheet HTML 39Page - OSRAM GmbH D7BCT Datasheet HTML 40Page - OSRAM GmbH D7BCT Datasheet HTML 41Page - OSRAM GmbH D7BCT Datasheet HTML 42Page - OSRAM GmbH D7BCT Datasheet HTML 43Page - OSRAM GmbH D7BCT Datasheet HTML 44Page - OSRAM GmbH D7BCT Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
40
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.5.8 Operation on
BUS systems
3.5.9 Operation on
non-sinusoidal
voltage sources
3.5.10 Phase shift
Power factor
PF correction
If the OSRAM DULUX® EL lamp is controlled by a BUS system, the requirements of
Sections 3.5.4 and 3.5.5 must be met.
Operation of OSRAM DULUX® EL lamps on non-sinusoidal voltage sources (e. g.square
wave and trapezoidal inverters) is not straightforward.
It should be remembered that steep signal edges with square-wave inverters mean
additional reverse recovery losses for the rectifier and that frequently observed over-
shoots by powerful inverters may lead to increased charging currents in the electrolytic
capacitor (increased crest factor) and, in the worst case scenario, to significant over-
voltages. In the event of a high energy overshoot, the electrolytic capacitor charges up
to its peak value.
The rms currents should under no circumstances exceed the values for sinusoidal
supply and there should be no overshoots. In selecting the inverter, bear in mind that
at the moment its is started an OSRAM DULUX® EL lamp has four times the
current draw for less than 100 ms (or up to several seconds if the lamp is started at
a low temperature) (temporary overload capacity of the inverter). It must be possible
for the electrolytic capacitor (typically 1 to 6,8 µF) to be charged by the inverter
(start-up current, stability of the control loop).
The phase shift factor cos
ϕ indicates the phase shift between mains current and
mains voltage and relates exclusively to the fundamental harmonic (50 Hz).
The phase shift of harmonics that occur because of non-sinusoidal current draw is not
considered here.
OSRAM DULUX® EL lamps have a phase shift factor cos
ϕ of ≈ 0,95 (capacitive).
The power factor (
λ) is defined as:
λ = active power N/(rms current lrms x rms voltage Urms).
For OSRAM DULUX® EL LONGLIFE and ECONOMY it is approximately 0.6.
This value results from the distorted non-sinusoidal draw (mains current harmonic
content) of OSRAM DULUX® EL LONGLIFE and ECONOMY and to a lesser extent
from a current/voltage phase shift of the 50 Hz component. For this reason, correction
of the power factor by capacitors, which is usual with fluorescent lamps in CCG mode,
is not possible.
The actual energy consumption of OSRAM DULUX® EL LONGLIFE and ECONOMY
lamps is only 20 % of that of an incandescent lamp of similar light output. It is
independent of the power factor and is determine only by the active power, which
can be measured by a standard ammeter. The savings of 80 % have a direct impact
on fuel consumption (coal, oil, gas) and on emissions from power stations.
Because of the lower power factor of around 0.6, the power consumption of
OSRAM DULUX® EL LONGLIFE and ECONOMY lamps is not reduced to 20 %
but to around 33 %. This causes an appropriate reduction in current
draw and not an increase in the losses between the generator and load, and
therefore additional energy savings.
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com