Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 11 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 7Page - OSRAM GmbH D7BCT Datasheet HTML 8Page - OSRAM GmbH D7BCT Datasheet HTML 9Page - OSRAM GmbH D7BCT Datasheet HTML 10Page - OSRAM GmbH D7BCT Datasheet HTML 11Page - OSRAM GmbH D7BCT Datasheet HTML 12Page - OSRAM GmbH D7BCT Datasheet HTML 13Page - OSRAM GmbH D7BCT Datasheet HTML 14Page - OSRAM GmbH D7BCT Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
10
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1. General
1.3.5 OSRAM DULUX® EL
LONGLIFE
CLASSIC
The high quality brand name compact fluorescent lamp with the classic light bulb
shape combines the benefits of the incandescent lamp with those of the compact
fluorescent lamp
• About 12 years life (if used for around 3 hours a day), based on the same
specifications and requirements for life and on/off switching frequency as for
OSRAM DULUX® EL LONGLIFE
• Ideal for decorative and free-burning applications
• Special finish outer bulb for particularly soft light
• LONGLIFE versions are particularly suitable for use in enclosed and ventilated out-
door luminaires at low ambient temperatures
• LONGLIFE versions are available in six wattages with E14 or E27/B22d bases
• OSRAM DULUX® EL CLASSIC lamps are not suitable for use with dimmers or elec-
tronic switches or motion detectors
© 5W
© 7W
© 10 W
© 11 W
© 15 W
© 20 W
20 W
25 W
25 W
35 W
40 W
50 W
60 W
75 W
75 W
100 W
1
d
2
d
Reference
DEL
DEL
DEL
DEL
DEL
CL A
CL B
CL A
CL B
CL A
5W
5W E14
7W
7W E14
10 W
Fig.
21212
Warm start (start with cathode preheating)
Yes
Yes
Yes
Yes
Yes
Power input (W)
5577
10
Lamp current rms value (mA)
40
40
55
55
80
Peak value (mA)
150
150
180
180
240
Luminous flux (lm)
140
150
320
280
500
Luminous efficacy (lm/W)
30
30
45
40
50
Colour appearance
827
827
827
827
827
Colour rendering group
1B
1B
1B
1B
1B
Energy Label classification
B
B
A
B
A
Length l (mm)
109±2
131±2
111±2
131±2
123,5±2
Diameter d (mm)
60
46
60
46
60
Weight (g)
65
65
60
65
80
Base
E27
E14
E27
E14
E27
B22d
B22d
B22d
Suitable for DC operation
No
No
No
No
No
Rated average life (h)
12000
12000
12000
12000
10000
LONGLIFE
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com