Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 44 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 44 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 40Page - OSRAM GmbH D7BCT Datasheet HTML 41Page - OSRAM GmbH D7BCT Datasheet HTML 42Page - OSRAM GmbH D7BCT Datasheet HTML 43Page - OSRAM GmbH D7BCT Datasheet HTML 44Page - OSRAM GmbH D7BCT Datasheet HTML 45Page - OSRAM GmbH D7BCT Datasheet HTML 46Page - OSRAM GmbH D7BCT Datasheet HTML 47Page - OSRAM GmbH D7BCT Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
43
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.7 Lamp life
The life of fluorescent lamps is determined essentially by the consumption of the emit-
ter on the lamp cathodes. The average life of OSRAM DULUX® EL LONGLIFE lamps is
15000 hours; that of OSRAM DULUX® EL ECONOMY lamps is 8000 hours. Half of any
number of lamps may fail up to this time (50 % mortality).
Mortality curve for OSRAM DULUX® LONGLIFE 7, 11, 15, 20 and 23 W
Mortality curve for OSRAM DULUX® ECONOMY 8, 12, 16, 21 and 24 W
Fig. 16:
Typical mortality curve for OSRAM DULUX® EL LONGLIFE
and ECONOMY lamps
3. Lamp data and lamp properties
100
90
80
70
60
50
40
30
20
10
0
0
3000
6000
9000
12000
15000
18000
1000
2000
4000 5000
7000 8000
10000 11000
13000 14000
16000 17000
100
90
80
70
60
50
40
30
20
10
0
0
3000
6000
9000
12000
15000
18000
1000
2000
4000 5000
7000 8000
10000 11000
13000 14000
16000 17000
Operating hours (h)
Operating hours (h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com