Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 42 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 42 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 46Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
Revision 1.0
Page 42 of 78
nRF24L01+ Product Specification
7.7
Enhanced ShockBurst™ timing
This section describes the timing sequence of Enhanced ShockBurst™ and how all modes are initiated
and operated. The Enhanced ShockBurst™ timing is controlled through the Data and Control interface.
The nRF24L01+ can be set to static modes or autonomous modes where the internal state machine con-
trols the events. Each autonomous mode/sequence ends with an interrupt at the IRQ pin. All the interrupts
are indicated as IRQ events in the timing diagrams.
Figure 15. Transmitting one packet with NO_ACK on
The following equations calculate various timing measurements:
Table 19. Timing equations
Symbol
Description
Equation
TOA
Time on-air
TACK
Time on-air Ack
TUL
Time Upload
TESB
Time Enhanced Shock-
Burst™ cycle
TESB = TUL + 2 . Tstby2a + TOA + TACK + TIRQ
1 IRQ if No Ack is on.
TIRQ = 8.2µs @ 1Mbps, TIRQ = 6.0µs @ 2Mbps, Tstdby2a = 130us
Standby-I
PLL Lock
TX
PTX IRQ
PTX MODE
UL
PTX CE
PTX SPI
TOA
Tstdby2a
TUL
IRQ:
TX DS
1
Standby-I
TIRQ
>10us
[ ]
[] [
]
[]
[ ]
[]
s
bit
rate
data
air
bit
bytes
or
bytes
N
bytes
or
byte
byte
bit
rate
data
air
length
packet
T
field
control
packet
CRC
payload
address
preamble
OA
9
2
1
5
4
,
3
1
8
+
⎟
⎠
⎞
⎜
⎝
⎛
+
+
+
⋅
⎥⎦
⎤
⎢⎣
⎡
=
=
[]
[
]
[
]
[
]
[ ]
[]
s
bit
rate
data
air
bit
bytes
or
bytes
N
bytes
or
byte
byte
bit
rate
data
air
length
packet
T
field
control
packet
CRC
payload
address
preamble
ACK
9
2
1
5
4
,
3
1
8
+
⎟
⎠
⎞
⎜
⎝
⎛
+
+
+
⋅
⎥⎦
⎤
⎢⎣
⎡
=
=
[]
[]
s
bit
rate
data
SPI
bytes
N
byte
bit
rate
data
SPI
length
payload
T
payload
UL
⋅
⎥⎦
⎤
⎢⎣
⎡
=
=
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com