Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 58 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 58 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 62Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
Revision 1.0
Page 58 of 78
nRF24L01+ Product Specification
ERX_P1
1
1
R/W Enable data pipe 1.
ERX_P0
0
1
R/W Enable data pipe 0.
03
SETUP_AW
Setup of Address Widths
(common for all data pipes)
Reserved
7:2
000000
R/W Only '000000' allowed
AW
1:0
11
R/W RX/TX Address field width
'00' - Illegal
'01' - 3 bytes
'10' - 4 bytes
'11' – 5 bytes
LSByte is used if address width is below 5 bytes
04
SETUP_RETR
Setup of Automatic Retransmission
ARD
a
7:4
0000
R/W Auto Retransmit Delay
‘0000’ – Wait 250µS
‘0001’ – Wait 500µS
‘0010’ – Wait 750µS
……..
‘1111’ – Wait 4000µS
(Delay defined from end of transmission to start of
next transmission)b
ARC
3:0
0011
R/W Auto Retransmit Count
‘0000’ –Re-Transmit disabled
‘0001’ – Up to 1 Re-Transmit on fail of AA
……
‘1111’ – Up to 15 Re-Transmit on fail of AA
05
RF_CH
RF Channel
Reserved
7
0
R/W Only '0' allowed
RF_CH
6:0
0000010
R/W Sets the frequency channel nRF24L01+ operates
on
06
RF_SETUP
RF Setup Register
CONT_WAVE
7
0
R/W Enables continuous carrier transmit when high.
Reserved
6
0
R/W Only '0' allowed
RF_DR_LOW
5
0
R/W Set RF Data Rate to 250kbps. See RF_DR_HIGH
for encoding.
PLL_LOCK
4
0
R/W Force PLL lock signal. Only used in test
RF_DR_HIGH
3
1
R/W Select between the high speed data rates. This bit
is don’t care if RF_DR_LOW is set.
Encoding:
[RF_DR_LOW, RF_DR_HIGH]:
‘00’ – 1Mbps
‘01’ – 2Mbps
‘10’ – 250kbps
‘11’ – Reserved
Address
(Hex)
Mnemonic
Bit
Reset
Value
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com