Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 56 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 56 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 60Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
Revision 1.0
Page 56 of 78
nRF24L01+ Product Specification
You can write to the TX FIFO using these three commands; W_TX_PAYLOAD and
W_TX_PAYLOAD_NO_ACK
in PTX mode and W_ACK_PAYLOAD in PRX mode. All three commands provide
access to the TX_PLD register (see Table 28. on page 63. for details of this register).
The RX FIFO can be read by the command R_RX_PAYLOAD in PTX and PRX mode. This command pro-
vides access to the RX_PLD register.
The payload in TX FIFO in a PTX is not removed if the MAX_RT IRQ is asserted.
Figure 30. FIFO (RX and TX) block diagram
You can read if the TX and RX FIFO are full or empty in the FIFO_STATUS register.
8.5
Interrupt
The nRF24L01+ has an active low interrupt (IRQ) pin. The IRQ pin is activated when TX_DS IRQ, RX_DR
IRQ or MAX_RT IRQ are set high by the state machine in the STATUS register. The IRQ pin resets when
MCU writes '1' to the IRQ source bit in the STATUS register. The IRQ mask in the CONFIG register is used
to select the IRQ sources that are allowed to assert the IRQ pin. By setting one of the MASK bits high, the
corresponding IRQ source is disabled. By default all IRQ sources are enabled.
Note:
The 3 bit pipe information in the STATUS register is updated during the IRQ pin high to low
transition. The pipe information is unreliable if the STATUS register is read during an IRQ pin
high to low transition.
Data
TX FIFO
32 byte
32 byte
32 byte
TX FIFO Controller
Data
Control
SPI
command
decoder
RX FIFO
32 byte
32 byte
32 byte
RX FIFO Controller
Data
Data
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com