Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 55 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 55 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 59Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
Revision 1.0
Page 55 of 78
nRF24L01+ Product Specification
Table 26. SPI timing parameters (Rpull = 50kΩ, Cload = 50pF)
Table 27. SPI timing parameters (Rpull = 50kΩ, Cload = 100pF)
8.4
Data FIFO
The data FIFOs store transmitted payloads (TX FIFO) or received payloads that are ready to be clocked
out (RX FIFO). The FIFOs are accessible in both PTX mode and PRX mode.
The following FIFOs are present in nRF24L01+:
•
TX three level, 32 byte FIFO
•
RX three level, 32 byte FIFO
Both FIFOs have a controller and are accessible through the SPI by using dedicated SPI commands. A TX
FIFO in PRX can store payloads for ACK packets to three different PTX devices. If the TX FIFO contains
more than one payload to a pipe, payloads are handled using the first in - first out principle. The TX FIFO in
a PRX is blocked if all pending payloads are addressed to pipes where the link to the PTX is lost. In this
case, the MCU can flush the TX FIFO using the FLUSH_TX command.
The RX FIFO in PRX can contain payloads from up to three different PTX devices and a TX FIFO in PTX
can have up to three payloads stored.
Symbol
Parameters
Min.
Max
Units
Tdc
Data to SCK Setup
2
ns
Tdh
SCK
to Data Hold
2
ns
Tcsd
CSN
to Data Valid
75
ns
Tcd
SCK
to Data Valid
85
ns
Tcl
SCK
Low Time
40
ns
Tch
SCK
High Time
40
ns
Fsck
SCK
Frequency
0
5
MHz
Tr,Tf
SCK
Rise and Fall
100
ns
Tcc
CSN
to SCK Setup
2
ns
Tcch
SCK
to CSN Hold
2
ns
Tcwh
CSN
Inactive time
50
ns
Tcdz
CSN
to Output High Z
75
ns
Symbol
Parameters
Min.
Max
Units
Tdc
Data to SCK Setup
2
ns
Tdh
SCK
to Data Hold
2
ns
Tcsd
CSN
to Data Valid
116
ns
Tcd
SCK
to Data Valid
121
ns
Tcl
SCK
Low Time
40
ns
Tch
SCK
High Time
40
ns
Fsck
SCK
Frequency
0
4
MHz
Tr,Tf
SCK
Rise and Fall
100
ns
Tcc
CSN
to SCK Setup
2
ns
Tcch
SCK
to CSN Hold
2
ns
Tcwh
CSN
Inactive time
50
ns
Tcdz
CSN
to Output High Z
116
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com