Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 17 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 17 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 21Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
Revision 1.0
Page 17 of 78
nRF24L01+ Product Specification
Table 9. RX selectivity with nRF24L01+ equal modulation on interfering signal. Measured using
Pin = -67dBm for wanted signal.
Datarate
Symbol
Parameter (condition)
Notes Min.
Typ.
Max. Units
2Mbps
C/ICO
C/I Co-channel (Modulated carrier)
11
dBc
C/I1ST
1st ACS C/I 2MHz
4dBc
C/I2ND
2nd ACS C/I 4MHz
-18
dBc
C/I3RD
3rd ACS C/I 6MHz
-24
dBc
C/INth
Nth ACS C/I, fi > 12MHz
-40
dBc
C/INth
Nth ACS C/I, fi > 36MHz
a
-48
dBc
1Mbps
C/ICO
C/I Co-channel
12
dBc
C/I1ST
1st ACS C/I 1MHz
8dBc
C/I2ND
2nd ACS C/I 2MHz
-21
dBc
C/I3RD
3rd ACS C/I 3MHz
-30
dBc
C/INth
Nth ACS C/I, fi > 6MHz
-40
dBc
C/INth
Nth ACS C/I, fi > 25MHz
a
-50
dBc
250kbps
C/ICO
C/I Co-channel
7
dBc
C/I1ST
1st ACS C/I 1MHz
-12
dBc
C/I2ND
2nd ACS C/I 2MHz
-34
dBc
C/I3RD
3rd ACS C/I 3MHz
-39
dBc
C/INth
Nth ACS C/I, fi >6MHz
-50
dBc
C/INth
Nth ACS C/I, fi >25MHz
a
-60
dBc
a.
Narrow Band (In Band) Blocking measurements:
0 to ±40MHz; 1MHz step size
Wide Band Blocking measurements:
30MHz to 2000MHz; 10MHz step size
2000MHz to 2399MHz; 3MHz step size
2484MHz to 3000MHz; 3MHz step size
3GHz to 12.75GHz; 25MHz step size
Wanted signal for wideband blocking measurements:
-67dBm in 1Mbps and 2Mbps mode
-77dBm in 250kbps mode
For Interferer frequency offsets n*2*fxtal, blocking performance are degraded by approximately 5dB
compared to adjacent figures.
If the wanted signal is 3dB or more above the sensitivity level then, the carrier/interferer ratio is indepen-
dent of the wanted signal level for a given frequency offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com