Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 67 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 67 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 71Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
Revision 1.0
Page 67 of 78
nRF24L01+ Product Specification
Table 29. Recommended components (BOM) in nRF24L01+ with antenna matching network
11.1
PCB layout examples
Figure 33., Figure 34. and Figure 35. show a PCB layout example for the application schematic in Figure
32..
A double-sided FR-4 board of 1.6mm thickness is used. This PCB has a ground plane on the bottom layer.
Additionally, there are ground areas on the component side of the board to ensure sufficient grounding of
critical components. A large number of via holes connect the top layer ground areas to the bottom layer
ground plane.
Part
Designator
Footprint
Description
22pFa
C1
0402
NPO, +/- 2%
22pFa
C2
0402
NPO, +/- 2%
2.2nF
C3
0402
X7R, +/- 10%
4.7pF
C4
0402
NPO, +/- 0.25pF
1.5pF
C5
0402
NPO, +/- 0.1pF
1,0pF
C6
0402
NPO, +/- 0.1pF
33nF
C7
0402
X7R, +/- 10%
1nF
C8
0402
X7R, +/- 10%
10nF
C9
0402
X7R, +/- 10%
8,2nH
L1
0402
chip inductor +/- 5%
2.7nH
L2
0402
chip inductor +/- 5%
3,9nH
L3
0402
chip inductor +/- 5%
Not mountedb
R1
0402
22k
Ω
R2
0402
+/-1%
nRF24L01+
U1
QFN20 4x4
16MHz
X1
+/-60ppm, CL=12pF
a. C1 and C2 must have values that match the crystals load capacitance, CL.
b. The nRF24L01+ and nRF24L01 application example and BOM are the same with the exception of
R1. R1 can be mounted for backward compatibility with nRF24L01. The use of a 1Mohm resistor
externally does not have any impact on crystal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com