Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 73 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 73 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 77Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
Revision 1.0
Page 73 of 78
nRF24L01+ Product Specification
13
Ordering information
13.1
Package marking
13.2
Abbreviations
13.3
Product options
13.3.1
RF silicon
Table 30. nRF24L01+ RF silicon options
13.3.2
Development tools
Table 31. nRF24L01+ solution options
nR F
AX
24
L0
1
+
YY W W L
L
Abbreviation
Definition
nRF
Fixed text
A
Variable Build Code, that is, unique code for production sites, pack-
age type and test platform
X
“X" grade, that is, Engineering Samples (optional)
YY
2 digit Year number
WW
2 digit Week number
LL
2 letter wafer lot number code
Ordering code
Package
Container
MOQa
a. Minimum Order Quantity
nRF24L01P-SAMPLE
4x4mm 20-pin QFN, lead free
(green)
Sample box
5
nRF24L01P-T
4x4mm 20-pin QFN, lead free
(green)
Tray
490
nRF24L01P-R
4x4mm 20-pin QFN, lead free
(green)
Tape and reel
4000
nRF24L01P-R7
4x4mm 20-pin QFN, lead free
(green)
Tape and reel
1500
Type Number
Description
Version
nRF24L01P-EVKIT
nRF24L01+ Evaluation kit
nRF24L01P-UPGRADE
nRF24L01+ Upgrade kit for owners of nRF24L01-
EVKIT
nRF24L01P-MODULE-SMA
nRF24L01+ Evaluation kit module with SMA
antenna
nRF24L01P-MODULE-PCB
nRF24L01+ Evaluation kit module with PCB
antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com