Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 57 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 57 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 61Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
Revision 1.0
Page 57 of 78
nRF24L01+ Product Specification
9
Register Map
You can configure and control the radio by accessing the register map through the SPI.
9.1
Register map table
All undefined bits in the table below are redundant. They are read out as '0'.
Note:
Addresses 18 to 1B are reserved for test purposes, altering them makes the chip malfunction.
Address
(Hex)
Mnemonic
Bit
Reset
Value
Type
Description
00
CONFIG
Configuration Register
Reserved
7
0
R/W Only '0' allowed
MASK_RX_DR
6
0
R/W Mask interrupt caused by RX_DR
1: Interrupt not reflected on the IRQ pin
0: Reflect RX_DR as active low interrupt on the
IRQ
pin
MASK_TX_DS
5
0
R/W Mask interrupt caused by TX_DS
1: Interrupt not reflected on the IRQ pin
0: Reflect TX_DS as active low interrupt on the IRQ
pin
MASK_MAX_RT
4
0
R/W Mask interrupt caused by MAX_RT
1: Interrupt not reflected on the IRQ pin
0: Reflect MAX_RT as active low interrupt on the
IRQ
pin
EN_CRC
3
1
R/W Enable CRC. Forced high if one of the bits in the
EN_AA
is high
CRCO
2
0
R/W CRC encoding scheme
'0' - 1 byte
'1' – 2 bytes
PWR_UP
1
0
R/W 1: POWER UP, 0:POWER DOWN
PRIM_RX
00
R/W RX/TX control
1: PRX, 0: PTX
01
EN_AA
Enhanced
ShockBurst™
Enable ‘Auto Acknowledgment’ Function Disable
this functionality to be compatible with nRF2401,
see page 75
Reserved
7:6
00
R/W Only '00' allowed
ENAA_P5
5
1
R/W Enable auto acknowledgement data pipe 5
ENAA_P4
4
1
R/W Enable auto acknowledgement data pipe 4
ENAA_P3
3
1
R/W Enable auto acknowledgement data pipe 3
ENAA_P2
2
1
R/W Enable auto acknowledgement data pipe 2
ENAA_P1
1
1
R/W Enable auto acknowledgement data pipe 1
ENAA_P0
0
1
R/W Enable auto acknowledgement data pipe 0
02
EN_RXADDR
Enabled RX Addresses
Reserved
7:6
00
R/W Only '00' allowed
ERX_P5
5
0
R/W Enable data pipe 5.
ERX_P4
4
0
R/W Enable data pipe 4.
ERX_P3
3
0
R/W Enable data pipe 3.
ERX_P2
2
0
R/W Enable data pipe 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com