Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 50 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 50 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 54Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
Revision 1.0
Page 50 of 78
nRF24L01+ Product Specification
8
Data and Control Interface
The data and control interface gives you access to all the features in the nRF24L01+. The data and control
interface consists of the following six 5Volt tolerant digital signals:
•
IRQ
(this signal is active low and controlled by three maskable interrupt sources)
•
CE
(this signal is active high and used to activate the chip in RX or TX mode)
•
CSN
(SPI signal)
•
SCK
(SPI signal)
•
MOSI
(SPI signal)
•
MISO
(SPI signal)
Using 1 byte SPI commands, you can activate the nRF24L01+ data FIFOs or the register map during all
modes of operation.
8.1
Features
•
Special SPI commands for quick access to the most frequently used features
•
0-10Mbps 4-wire SPI
•
8 bit command set
•
Easily configurable register map
•
Full three level FIFO for both TX and RX direction
8.2
Functional description
The SPI is a standard SPI with a maximum data rate of 10Mbps.
8.3
SPI operation
This section describes the SPI commands and timing.
8.3.1
SPI commands
The SPI commands are shown in Table 20. Every new command must be started by a high to low transi-
tion on CSN.
The STATUS register is serially shifted out on the MISO pin simultaneously to the SPI command word shift-
ing to the MOSI pin.
The serial shifting SPI commands is in the following format:
<Command word: MSBit to LSBit (one byte)>
<Data bytes: LSByte to MSByte, MSBit in each byte first>
See Figure 26. on page 52 and Figure 27. on page 52 for timing information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com