Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 45 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 45 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 49Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
Revision 1.0
Page 45 of 78
nRF24L01+ Product Specification
7.8
Enhanced ShockBurst™ transaction diagram
This section describes several scenarios for the Enhanced ShockBurst™ automatic transaction handling.
The call outs in this section’s figures indicate the IRQs and other events. For MCU activity the event may
be placed at a different timeframe.
Note:
The figures in this section indicate the earliest possible download (DL) of the packet to the
MCU and the latest possible upload (UL) of payload to the transmitter.
7.8.1
Single transaction with ACK packet and interrupts
In Figure 18. the basic auto acknowledgement is shown. After the packet is transmitted by the PTX and
received by the PRX the ACK packet is transmitted from the PRX to the PTX. The RX_DR IRQ is asserted
after the packet is received by the PRX, whereas the TX_DS IRQ is asserted when the packet is acknowl-
edged and the ACK packet is received by the PTX.
Figure 18. TX/RX cycles with ACK and the according interrupts
1 Radio Turn Around Delay
TX:PID=1
RX
PTX
PRX
RX
ACK:PID=1
UL
MCU PTX
130us1
IRQ
DL
MCU PRX
Packet received
IRQ: RX DR (PID=1)
Ack received
IRQ:TX DS (PID=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com