Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 44 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 44 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 48Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
Revision 1.0
Page 44 of 78
nRF24L01+ Product Specification
In Figure 17. the PTX timing of a packet transmission is shown when the first ACK packet is lost. To see
the complete transmission when the ACK packet fails see Figure 20. on page 46.
Figure 17. Timing of Enhanced ShockBurst™ when the first ACK packet is lost (2Mbps)
Standby I
PLL Lock
TX
TX
PTX IRQ
PTX MODE
UL
PTX CE
PTX SPI
TOA
130us
TUL
PLL Lock
>10us
ARD
Standby II
RX
130us
250us
max
PLL Lock
130us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com