Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 43 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 43 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 47Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
Revision 1.0
Page 43 of 78
nRF24L01+ Product Specification
Figure 16. Timing of Enhanced ShockBurst™ for one packet upload (2Mbps)
In Figure 16. the transmission and acknowledgement of a packet is shown. The PRX device activates RX
mode (CE=1), and the PTX device is activated in TX mode (CE=1 for minimum 10µs). After 130µs the
transmission starts and finishes after the elapse of TOA.
When the transmission ends the PTX device automatically switches to RX mode to wait for the ACK packet
from the PRX device. When the PRX device receives the packet it sets the interrupt for the host MCU and
switches to TX mode to send an ACK. After the PTX device receives the ACK packet it sets the interrupt to
the MCU and clears the packet from the TX FIFO.
Standby 1
PLL Lock
TX
Standby 1
PTX IRQ
PTX MODE
UL
PTX CE
PTX SPI
TOA
130us
TUL
PLL Lock
TX
RX
PLL Lock
PLL Lock
PLL Lock
PRX MODE
PRX IRQ
PRX CE
RX
PRX SPI
TESB Cycle
RX
IRQ:
TX DS
TIRQ
Standby 1
>10us
130us
130us
130us
TACK
IRQ:RX DR/DL
TIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com