Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 59 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 59 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 63Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
Revision 1.0
Page 59 of 78
nRF24L01+ Product Specification
RF_PWR
2:1
11
R/W Set RF output power in TX mode
'00' – -18dBm
'01' – -12dBm
'10' – -6dBm
'11' –
0dBm
Obsolete
0
Don’t care
07
STATUS
Status Register (In parallel to the SPI command
word applied on the MOSI pin, the STATUS register
is shifted serially out on the MISO pin)
Reserved
7
0
R/W Only '0' allowed
RX_DR
6
0
R/W Data Ready RX FIFO interrupt. Asserted when
new data arrives RX FIFOc.
Write 1 to clear bit.
TX_DS
5
0
R/W Data Sent TX FIFO interrupt. Asserted when
packet transmitted on TX. If AUTO_ACK is acti-
vated, this bit is set high only when ACK is
received.
Write 1 to clear bit.
MAX_RT
4
0
R/W Maximum number of TX retransmits interrupt
Write 1 to clear bit. If MAX_RT is asserted it must
be cleared to enable further communication.
RX_P_NO
3:1
111
R
Data pipe number for the payload available for
reading from RX_FIFO
000-101: Data Pipe Number
110: Not Used
111: RX FIFO Empty
TX_FULL
0
0
R
TX FIFO full flag.
1: TX FIFO full.
0: Available locations in TX FIFO.
08
OBSERVE_TX
Transmit observe register
PLOS_CNT
7:4
0
R
Count lost packets. The counter is overflow pro-
tected to 15, and discontinues at max until reset.
The counter is reset by writing to RF_CH. See
page 75.
ARC_CNT
3:0
0
R
Count retransmitted packets. The counter is reset
when transmission of a new packet starts. See
page 75.
09
RPD
Reserved
7:1
000000
R
RPD
0
0
R
Received Power Detector. This register is called
CD (Carrier Detect) in the nRF24L01. The name is
different in nRF24L01+ due to the different input
power level threshold for this bit. See section 6.4
on page 25.
0A
RX_ADDR_P0
39:0 0xE7E7E
7E7E7
R/W Receive address data pipe 0. 5 Bytes maximum
length. (LSByte is written first. Write the number of
bytes defined by SETUP_AW)
Address
(Hex)
Mnemonic
Bit
Reset
Value
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com