Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 75 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 75 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 78Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
Revision 1.0
Page 75 of 78
nRF24L01+ Product Specification
Appendix A - Enhanced ShockBurst™ - Configuration and communi-
cation example
Enhanced ShockBurst™ transmitting payload
1.
Set the configuration bit PRIM_RX low.
2.
When the application MCU has data to transmit, clock the address for the receiving node
(TX_ADDR) and payload data (TX_PLD) into nRF24L01+ through the SPI. The width of TX-pay-
load is counted from the number of bytes written into the TX FIFO from the MCU. TX_PLD must
be written continuously while holding CSN low. TX_ADDR does not have to be rewritten if it is
unchanged from last transmit. If the PTX device shall receive acknowledge, configure data pipe 0
to receive the ACK packet. The RX address for data pipe 0 (RX_ADDR_P0) must be equal to the
TX address (TX_ADDR) in the PTX device. For the example in Figure 14. on page 41 perform the
following address settings for the TX5 device and the RX device:
TX5 device: TX_ADDR = 0xB3B4B5B605
TX5 device: RX_ADDR_P0 = 0xB3B4B5B605
RX device: RX_ADDR_P5 = 0xB3B4B5B605
3.
A high pulse on CE starts the transmission. The minimum pulse width on CE is 10µs.
4.
nRF24L01+ ShockBurst™:
Radio is powered up.
16MHz internal clock is started.
RF packet is completed (see the packet description).
Data is transmitted at high speed (1Mbps or 2Mbps configured by MCU).
5.
If auto acknowledgement is activated (ENAA_P0=1) the radio goes into RX mode immediately,
unless the NO_ACK bit is set in the received packet. If a valid packet is received in the valid
acknowledgement time window, the transmission is considered a success. The TX_DS bit in the
STATUS
register is set high and the payload is removed from TX FIFO. If a valid ACK packet is
not received in the specified time window, the payload is retransmitted (if auto retransmit is
enabled). If the auto retransmit counter (ARC_CNT) exceeds the programmed maximum limit
(ARC), the MAX_RT bit in the STATUS register is set high. The payload in TX FIFO is NOT
removed. The IRQ pin is active when MAX_RT or TX_DS is high. To turn off the IRQ pin, reset the
interrupt source by writing to the STATUS register (see Interrupt chapter). If no ACK packet is
received for a packet after the maximum number of retransmits, no further packets can be trans-
mitted before the MAX_RT interrupt is cleared. The packet loss counter (PLOS_CNT) is incre-
mented at each MAX_RT interrupt. That is, ARC_CNT counts the number of retransmits that were
required to get a single packet through. PLOS_CNT counts the number of packets that did not get
through after the maximum number of retransmits.
6.
nRF24L01+ goes into standby-I mode if CE is low. Otherwise, next payload in TX FIFO is trans-
mitted. If TX FIFO is empty and CE is still high, nRF24L01+ enters standby-II mode.
7.
If nRF24L01+ is in standby-II mode, it goes to standby-I mode immediately if CE is set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com