Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 77 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 77 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 78Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
Revision 1.0
Page 77 of 78
nRF24L01+ Product Specification
Appendix B - Configuration for compatibility with nRF24XX
How to setup nRF24L01+ to receive from an nRF2401/nRF2402/nRF24E1/nRF24E2:
1.
Use the same CRC configuration as the nRF2401/nRF2402/nRF24E1/nRF24E2.
2.
Set the PWR_UP and PRIM_RX bit to 1.
3.
Disable auto acknowledgement on the data pipe that is addressed.
4.
Use the same address width as the PTX device.
5.
Use the same frequency channel as the PTX device.
6.
Select data rate 1Mbps or 250kbps on both nRF24L01+ and nRF2401/nRF2402/nRF24E1/
nRF24E2.
7.
Set correct payload width on the data pipe that is addressed.
8.
Set CE high.
How to setup nRF24L01+ to transmit to an nRF2401/nRF24E1:
1.
Use the same CRC configuration as the nRF2401/nRF2402/nRF24E1/nRF24E2.
2.
Set the PRIM_RX bit to 0.
3.
Set the Auto Retransmit Count to 0 to disable the auto retransmit functionality.
4.
Use the same address width as the nRF2401/nRF2402/nRF24E1/nRF24E2.
5.
Use the same frequency channel as the nRF2401/nRF2402/nRF24E1/nRF24E2.
6.
Select data rate 1Mbps or 250kbps on both nRF24L01+ and nRF2401/nRF2402/nRF24E1/
nRF24E2.
7.
Set PWR_UP high.
8.
Clock in a payload that has the same length as the nRF2401/nRF2402/nRF24E1/nRF24E2 is
configured to receive.
9.
Pulse CE to transmit the packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com