Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 48 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 48 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 52Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
Revision 1.0
Page 48 of 78
nRF24L01+ Product Specification
7.8.6
Two transactions with ACK payload packet and the first ACK packet lost
Figure 23. TX/RX cycles with ACK Payload and the according interrupts when the ACK packet fails
In Figure 23. the ACK packet is lost and a retransmission is needed before the TX_DS IRQ is asserted, but
the RX_DR IRQ is asserted immediately. The retransmission of the packet (PID=1) results in a discarded
packet. For the PTX both the TX_DS and RX_DR IRQ are asserted after the second transmission of ACK,
which is received. After the second packet (PID=2) is received on the PRX both the RX_DR (PID=2) and
TX_DS
(ACK1PAY) IRQ is asserted. The callouts explains the different events and interrupts.
7.8.7
Two transactions where max retransmissions is reached
Figure 24. TX/RX cycles with ACK Payload and the according interrupts when the transmission fails. ARC
is set to 2.
MAX_RT
IRQ is asserted if the auto retransmit counter (ARC_CNT) exceeds the programmed maximum limit
(ARC). In Figure 24. the packet transmission ends with a MAX_RT IRQ. The payload in TX FIFO is NOT
removed and the MCU decides the next step in the protocol. A toggle of the CE starts a new transmitting
sequence of the same packet. The payload can be removed from the TX FIFO using the FLUSH_TX com-
mand.
TX:PID=1
RX
PTX
PRX
RX
MCU PRX
UL1
MCU PTX
130us1
TX:PID=1
RX
ARD
No address detected.
RX off to save current
Retransmit of packet
PID=1
ACK PID=1 lost
during transmission
Packet received.
IRQ: RX DR (PID=1)
ACK received
IRQ: TX DS (PID=1)
RX DR (ACK1PAY)
RX
ACK1 PAY
TX:PID=2
RX
UL2
ACK1 PAY
Packet received.
IRQ: RX DR (PID=2)
TX DS (ACK1PAY)
Auto retransmit delay
elapsed
130us1
130us1
DL
UL1
2
DL
IRQ
DL
IRQ
UL2
2
RX
ACK received
IRQ: TX DS (PID=2)
RX DR (ACK2PAY)
ACK2 PAY
130us1
TX:PID=3
RX
Packet received.
IRQ: RX DR (PID=3)
TX DS (ACK2PAY)
UL3
≥130us3
≥130us3
Packet detected as
copy of previous,
discarded
1 Radio Turn Around Delay
2 Uploading Payload for Ack Packet
3 Delay defined by MCU on PTX side,
≥ 130us
TX:PID=1
RX
PTX
PRX
RX
MCU PRX
UL
MCU PTX
130us1
ARD
No address detected.
RX off to save current
Retransmit of packet
PID=1
ACK PID=1 lost
during transmission
Packet received.
IRQ: RX DR (PID=1)
RX
ACK1 PAY
Auto retransmit delay
elapsed
130us1
130us1
DL
UL2
IRQ
≥130us3
RX
No address detected.
RX off to save current
TX:PID=1
TX:PID=1
RX
130us1
ARD
ACK PID=1 lost
during transmission
ACK1 PAY
No address detected.
RX off to save current.
IRQ:MAX_RT reached
130us1
RX
ACK PID=1 lost
during transmission
Packet detected as
copy of previous,
discarded
1 Radio Turn Around Delay
2 Uploading Paylod for Ack Packet
3 Delay defined by MCU on PTX side,
≥ 130us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com