Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 14 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 14 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 10Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 11Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 18Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
Revision 1.0
Page 14 of 78
nRF24L01+ Product Specification
5
Electrical specifications
Conditions: VDD = +3V, VSS = 0V, TA = - 40ºC to + 85ºC
5.1
Power consumption
Table 4. Power consumption
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
Idle modes
IVDD_PD
Supply current in power down
900
nA
IVDD_ST1
Supply current in standby-I mode
a
a. This current is for a 12pF crystal. Current when using external clock is dependent on signal swing.
26
µ
A
IVDD_ST2
Supply current in standby-II mode
320
µ
A
IVDD_SU
Average current during 1.5ms crystal
oscillator startup
400
µ
A
Transmit
IVDD_TX0
Supply current @ 0dBm output power
b
b. Antenna load impedance = 15
Ω+j88Ω..
11.3
mA
IVDD_TX6
Supply current @ -6dBm output
power
b
9.0
mA
IVDD_TX12
Supply current @ -12dBm output
power
b
7.5
mA
IVDD_TX18
Supply current @ -18dBm output
power
b
7.0
mA
IVDD_AVG
Average Supply current @ -6dBm out-
put power, ShockBurst™
c
c. Antenna load impedance = 15
Ω+j88Ω. Average data rate 10kbps and max. payload length packets.
0.12
mA
IVDD_TXS
Average current during TX settling
d
d. Average current consumption during TX startup (130µs) and when changing mode from RX to TX
(130µs).
8.0
mA
Receive
IVDD_2M
Supply current 2Mbps
13.5
mA
IVDD_1M
Supply current 1Mbps
13.1
mA
IVDD_250
Supply current 250kbps
12.6
mA
IVDD_RXS
Average current during RX settling
e
e. Average current consumption during RX startup (130µs) and when changing mode from TX to RX
(130µs).
8.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com