Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 3 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 3 Page - Nordic Semiconductor

  NRF24L01P-R7 Datasheet HTML 1Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 2Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 3Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 4Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 5Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 6Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
Revision 1.0
Page 3 of 78
nRF24L01+ Product Specification
Writing Conventions
This product specification follows a set of typographic rules that makes the document consistent and easy
to read. The following writing conventions are used:
•
Commands, bit state conditions, and register names are written in Courier.
•
Pin names and pin signal conditions are written in Courier bold.
•
Cross references are underlined and highlighted in blue.
Revision History
Attention!
Date
Version
Description
September 2008
1.0
Observe precaution for handling
Electrostatic Sensitive Device.
HBM (Human Body Model) > 1Kv
MM (Machine Model) > 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com