Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 26 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 26 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 30Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
Revision 1.0
Page 26 of 78
nRF24L01+ Product Specification
6.5
PA control
The PA (Power Amplifier) control is used to set the output power from the nRF24L01+ power amplifier. In
TX mode PA control has four programmable steps, see Table 17.
The PA control is set by the RF_PWR bits in the RF_SETUP register.
Conditions: VDD = 3.0V, VSS = 0V, TA = 27ºC, Load impedance = 15Ω+j88Ω.
Table 17. RF output power setting for the nRF24L01+
6.6
RX/TX control
The RX/TX control is set by PRIM_RX bit in the CONFIG register and sets the nRF24L01+ in transmit/
receive mode.
SPI RF-SETUP
(RF_PWR)
RF output power
DC current
consumption
11
0dBm
11.3mA
10
-6dBm
9.0mA
01
-12dBm
7.5mA
00
-18dBm
7.0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com