Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R7 Datasheet(PDF) 66 Page - Nordic Semiconductor

Part # NRF24L01P-R7
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R7 Datasheet(HTML) 66 Page - Nordic Semiconductor

Back Button NRF24L01P-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF24L01P-R7 Datasheet HTML 70Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
Revision 1.0
Page 66 of 78
nRF24L01+ Product Specification
11
Application example
nRF24L01+ with single ended matching network crystal, bias resistor, and decoupling capacitors.
Figure 32. nRF24L01+ schematic for RF layouts with single ended 50
Ω RF output
C2
22pF
0402
C9
10nF
0402
C8
1nF
0402
R2
22K
0402
VDD
C1
22pF
0402
R1
1M
X1
16 MHz
C7
33nF
0402
L1
8.2nH
0402
C3
2.2nF
0402
C4
4.7pF
0402
L3
3.9nH
0402
L2
2.7nH
0402
C5
1.5pF
0402
C6
1.0pF
0402
CE
1
CSN
2
SCK
3
MOSI
4
MISO
5
VDD_PA
11
ANT1
12
ANT2
13
VSS
14
VDD
15
nRF24L01
U1
NRF24L01
CE
CSN
SCK
MOSI
MISO
IRQ
50ohm, R
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com