Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 3Page - STMicroelectronics STLC1511 Datasheet HTML 4Page - STMicroelectronics STLC1511 Datasheet HTML 5Page - STMicroelectronics STLC1511 Datasheet HTML 6Page - STMicroelectronics STLC1511 Datasheet HTML 7Page - STMicroelectronics STLC1511 Datasheet HTML 8Page - STMicroelectronics STLC1511 Datasheet HTML 9Page - STMicroelectronics STLC1511 Datasheet HTML 10Page - STMicroelectronics STLC1511 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7/31
STLC1511
Input Referred Noise9 10 11 12
at G=0dB
at G=max13
at G=0dB
at G=max11
250
15
250
20
252
19
252
27
spot noise @30Khz
measured single ended
at RXINP or RXINN
spot noise @30kHz
measured differentially at
RXINP/N
Input Referred Noise9 10 11
at G=0dB
at G=max11
250
20
252
27
spot noise @30kHz
measured differentially at
RXDCINP/N
Op amp Input Referred Noise9 10 11
10
15
spot noise @30kHz
measured differentially at
RXOPINP/N
Output Signal to Distortion ratio
Two tone (ATE testing)14
DS Multi tone15
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
US Multi-tone16
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
60
63
63
63
63
66
69
69
69
69
dB
For all RxPGA gain.
Measured at output of
ADC
Input Impedance
@pins RXOPINP/N
@ pins RXINP/N
@ pins RXDCIP/N
250
1
1
1000
19
10
kW
Rx Opamp input pins
Rx PGA input pins
Rx AC coupling pins
DC Offset at output
15
mV
measured at output of
ADC
Max Input Signal Level
single ended
differential
1.2
2.4
Vpe
ak
Vpe
ak
single-ended input
differential input
measured at any input
(RXINP/N, RXOPINP/N,
or RXDCINP/N)
Settling Time17
300
nsec
Time for PGA to settle to
3t accuracy after a
change in the control
word indicated by ENB
going high.
Unless otherwise noted, typical specifications apply for VCC=5.0Volts, temperature=2C, nominal process and
current. Maximum and minimum performance is with VCC±±5%, -40=<Tjunction=<105×C, and worst case process.
Description
min
typ
max
Units
Comments
nV
Hz
-----------
nV
Hz
-----------
nV
Hz
-----------
Table 2. Receive Path Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com