Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC1511 Datasheet HTML 1Page - STMicroelectronics STLC1511 Datasheet HTML 2Page - STMicroelectronics STLC1511 Datasheet HTML 3Page - STMicroelectronics STLC1511 Datasheet HTML 4Page - STMicroelectronics STLC1511 Datasheet HTML 5Page - STMicroelectronics STLC1511 Datasheet HTML 6Page - STMicroelectronics STLC1511 Datasheet HTML 7Page - STMicroelectronics STLC1511 Datasheet HTML 8Page - STMicroelectronics STLC1511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/31
STLC1511
28
RXOPINN
AI
ANA
Rx opamp negative input (must be DC coupled)
29
RXOPINP
AI
ANA
Rx opamp positive input (must be DC coupled)
30
VCCRXPGA
VCC
VDDCO
5V supply for RxPGA
31
VEERXPGA
VEE
VSSCO
Ground for RxPGA
32
QVEERX
VEE
VSSCO
Quiet ground for Rx circuitry
33
QVEEPLL
VEE
VSSCO
Quiet ground for PLL circuitry
34
VSSPLL
VSS
VSSCO
Ground for Oscillator2
35
VDDPLL
VDD
VDDCO
5 V supply for Oscillator2
36
VCAP
AO
ANA
Charge pump output to varactor
37
OSCPE
AIO
ANA
Oscillator I/O (emitter)
38
OSCPB
AIO
ANA
Oscillator I/O (base)
39
OSCNB
AIO
ANA
Oscillator I/O (base)
40
OSCNE
AIO
ANA
Oscillator I/O (emitter)
41
FREF
AI
ANA
2.56 MHz PLL input reference/ 35.328 MHz clock
input
42
VEEPLL
VEE
VSSCO
Ground for oscillator2
43
VCCPLL
VCC
VDDCO
5 V supply for oscillator2
44
V3P75V
AIO
ANA
3.75V output from Bandgap to 0.22mF capacitor
45
IREF50m
AIO
ANA
External resistor for bias current R=2.5V/
50mA=50kohm
46
VCCBIAS
VCC
VDDCO
5V supply for biasing
47
VEEBIAS
VEE
VSSCO
Ground for biasing
48
QVEEBIAS
VEE
VSSCO
Quiet ground for bias circuitry
49
QVEETX
VEE
VSSCO
Quiet ground for Tx circuitry
50
TXOP
AO
ANA
Tx positive output
51
TXON
AO
ANA
Tx negative output
52
VCCTXPGA
VCC
VDDCO
5V supply for TxPGA
53
VEETXPGA
VEE
VSSCO
Ground for TxPGA
54
VDDESD2
VDD
VDDA
5V supply for ESD ring
55
VSSESD2
VSS
VSSA
Ground for ESD ring
56
VCCDAC
VCC
VDDCO
5V supply for DAC
57
VEEDAC
VEE
VSSCO
Ground for DAC
58
TXDADC1
AIO
ANA
DAC reference (2.5V) 0.1uF
Table 1. Pin Assignement
Pin #
Pin Name
Pin Type
Pad Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com