Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 6Page - STMicroelectronics STLC1511 Datasheet HTML 7Page - STMicroelectronics STLC1511 Datasheet HTML 8Page - STMicroelectronics STLC1511 Datasheet HTML 9Page - STMicroelectronics STLC1511 Datasheet HTML 10Page - STMicroelectronics STLC1511 Datasheet HTML 11Page - STMicroelectronics STLC1511 Datasheet HTML 12Page - STMicroelectronics STLC1511 Datasheet HTML 13Page - STMicroelectronics STLC1511 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
STLC1511
10/31
Output Signal to Distortion ratio
Two tone7
DS Multi-tone8
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
US Multi-tone9
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
75
78
76
78
78
81
84
82
84
84
dB
For all TxPGA gains.
Measured differentially at
TXOP/N
Output Referred Noise Voltage
10 11 12
TxPGA Gain = 0dB
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
TxPGA Gain = min
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
80
80
30
30
100
100
40
40
measured differentially at
TXOP/N
Output Signal to Noise and
Distortion Ratio (DS) 13 14
TxPGA Gain = 0dB
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
TxPGA Gain = min
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
74
73
53
53
80
79
59
59
dB
measured differentially at
TXOP/N
Output Signal to Noise and
Distortion Ratio (US) 15 13
TxPGA Gain = 0dB
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
TxPGA Gain = min
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
76
76
55
55
82
82
61
61
dB
measured differentially at
TXOP/N
Out of Band Noise
72
band from 550KHz - 2.2
MHz (fS/2)
Maximum Output Signal
@TXOP/N
2.4
Vp
differential output
Load Resistance @ pin TXOP/N
500
W
per output to 2.5V
Load Capacitance @ pin TXOP/
N
10
pF
per output to 2.5V
Table 3. Transmit Path Specifications
Unless otherwise noted, typical specifications apply for VCC=5 Volts, temperature=27×C, nominal process and
current. Maximum and minimum performance is with VCC ±5%, -40 =<Tjunction =< 105×C, and worst case process.
Description
min
typ
max
Units
Comments
nV
Hz
-----------
nV
Hz
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com