Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 23Page - STMicroelectronics STLC1511 Datasheet HTML 24Page - STMicroelectronics STLC1511 Datasheet HTML 25Page - STMicroelectronics STLC1511 Datasheet HTML 26Page - STMicroelectronics STLC1511 Datasheet HTML 27Page - STMicroelectronics STLC1511 Datasheet HTML 28Page - STMicroelectronics STLC1511 Datasheet HTML 29Page - STMicroelectronics STLC1511 Datasheet HTML 30Page - STMicroelectronics STLC1511 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
STLC1511
28/31
4.4 Power Supply Noise
4.5 Absolute Maximum Ratings
The following table describes the maximum and minimum voltage ratings
Tx Powered Up
CO Oscillator mode
CO External Clock mode
CPE mode
Tx Powered Down
CO Oscillator mode
CO External Clock mode
CPE mode
65
60
65
41
36
41
71
66
71
45
39
45
mA
Includes 4mA for
digital supplies and
digital I/O
Tx Powered up
CO Oscillator mode
CO External Clock mode
CPE mode
Tx Powered Down
CO Oscillator mode
CO External Clock mode
CPE mode
325
300
325
200
175
200
373
347
373
237
205
237
mW
Includes 20mW for
digital supplies and
digital I/O
<1>Maximum current assumes a 7% increase due to process/temperature/Vcc plus the variation in the external 50k resistor (assumed
2%) connected to IREF50u. For this table the total variation is assumed at 9%.
Table 22. Power Supply Noise
Noise Band
Maximum 5V Supply Noise Spectral Density
Max 5V Supply Noise
(Over noise band)
30kHz < f <
112kHz
1.4
µVrms/rtHz @ 112kHz, rising 6dB per octave for decreasing
frequency
1.0mVrms
146kHz < f <
547kHz
1.0
µVrms/rtHz @ 146kHz, dropping 6dB per octave to
0.25
µVrms/rtHz @ 547kHz
0.30mVrms
Table 23. Maximum and minimum voltage ratings
pin
Maximum
Minimum
all VCC pins
6.5V
-0.5V
all other pins
VCC+0.4
-0.4
Table 21. Power Supply Limits
Parameter
Limits
Unit
Conditions
min
typ
max1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com