Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 15Page - STMicroelectronics STLC1511 Datasheet HTML 16Page - STMicroelectronics STLC1511 Datasheet HTML 17Page - STMicroelectronics STLC1511 Datasheet HTML 18Page - STMicroelectronics STLC1511 Datasheet HTML 19Page - STMicroelectronics STLC1511 Datasheet HTML 20Page - STMicroelectronics STLC1511 Datasheet HTML 21Page - STMicroelectronics STLC1511 Datasheet HTML 22Page - STMicroelectronics STLC1511 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19/31
STLC1511
Figure 9. Serial Interface Block Diagram
3.6.1 ADC Clip Indicator
Normally, the receive signal level is set such that the
input to the STLC1511 plus the RxPGA gain will not
saturate the input to the ADC converter (for maxi-
mum ADC input levels).
If the input signal is too large however and causes the
ADC to clip, the STLC1511 will report to the digital
chip that a clip has occurred. This is accomplished by
forcing the output data stream supplied to the digital
chip to either “7FFF” hex for an out of range positive
input or to “8000” hex for an out of range negative in-
put. This is highlighted in Figure 10.
T X S IN [1:0]
FR M C LK
RX S O UT[1:0]
CK 35M
SDATA
SOUT
DQ
14
8-bit Shift Register (x2)
14
to DAC parallel input
(N ote: D AC input is
CKD AC
(4.416M H z Clock from PLL)
SD ATA
LD
SOU T
2
D
Q
12
8-bit Shift Register (x2)
12
from AD C parallel output
(Note: AD C output changes
O U T[15:0]
D ATA [15:0]
CK
CK
D
Q
CK35M
FRM CLK
TXSIN [0]
TXSIN [1]
msb
a5
a12
a4
a11
a3
a10
a2
a9
a1
a8
lsb
(x14)
(x12)
msb
b10
b3
b9
b2
b8
b1
b7
RXSO U T[0]
RXSO U T[1]
LD
D
Q
lsb
D ata[15:0]
O ut[15:0]
2
D
Q
D
Q
CK AD C
(4.416MH z Clock from PL L)
D
Q
(x2)
2
(4 D ff to align data
edges as required)
D
Q
D
Q
D
Q
D
Q
a7
a6
b6
b5
b4
on posedge of C KADC )
sampled on posedge
CKDAC)
CKD AC
CK AD C
D ata clocked out by
A D C on this edge
Data sampled by
D A C on this edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com