Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC1511 Datasheet HTML 1Page - STMicroelectronics STLC1511 Datasheet HTML 2Page - STMicroelectronics STLC1511 Datasheet HTML 3Page - STMicroelectronics STLC1511 Datasheet HTML 4Page - STMicroelectronics STLC1511 Datasheet HTML 5Page - STMicroelectronics STLC1511 Datasheet HTML 6Page - STMicroelectronics STLC1511 Datasheet HTML 7Page - STMicroelectronics STLC1511 Datasheet HTML 8Page - STMicroelectronics STLC1511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
STLC1511
2/31
2.2 Pin Description
Table 1. details the pinout assignment for the
STLC1511. The following list gives the different pin
types for the STLC1511.
s
VDD/VCC - 5V power supply
s
VEE/VSS - Ground supply
s
DO/DI - Digital Output/ Digital Input
s
AO/AI/AIO - Analog Output/ Analog Input/
Analog Input-Output
Table 1. Pin Assignement
Pin #
Pin Name
Pin Type
Pad Type
Description
1
VDDDIG1
VDD
VDDCO
5V supply (digital) for ADC and DAC
2
CK35M
DI
TLCHT
35.328MHz serial interface clock input (also used in
Test Mode to test PFD. See Table on page 21)
3
DIGREF
DO
BT4CR
35.328/17.644MHz reference for Digital ASIC PLL
4
RXSOUT[0]
DO
BT4CR
Rx serial data (lsb) output
5
RXSOUT[1]
DO
BT4CR
Rx serial data (msb) output
6
VSSDIGE1
VSS
VSSE
Ground for digital output drivers
7
VSSDIG2
VSS
VSSCO
Ground supply for digital interface, serial interface
8
VDDDIGE1
VDD
VDDE
5 V supply for digital output drivers1
9
VDDDIG2
VDD
VDDCO
5 V supply for digital interface, serial interface
10
DTX
DO
BT4CR
Data Output for digital interface
11
DIGCLK
DI
TLCHT
35.328MHz clock input for digital interface
12
ENB
DI
TLCHT
Enable input for digital interface
13
DRX
DI
TLCHT
Data Input for digital interface
14
VEEADC
VEE
VSSCO
Ground for ADC
15
VCCADC
VCC
VDDCO
5 V supply for ADC
16
QVEEADC
VEE
VSSCO
Quiet ground for ADC circuitry
17
ADCDC3
AIO
ANA
ADC reference decoupling (3.75 V) 0.1uF
18
ADCDC2
AIO
ANA
ADC reference decoupling (2.5 V) 0.1uF
19
ADCDC1
AIO
ANA
ADC reference decoupling (1.25 V) 0.1uF
20
VSSESD1
VSS
VSSA
Ground for ESD ring
21
VDDESD1
VDD
VDDA
5 V supply for ESD ring
22
RXDCINP
AI
ANA
RxPGA positive input from DC blocking capacitor
23
RXDCINN
AI
ANA
RxPGA negative input from DC blocking capacitor
24
RXDCON
AO
ANA
RxPGA negative output to DC blocking capacitor
25
RXDCOP
AO
ANA
RxPGA positive output to DC blocking capacitor
26
RXINN
AI
ANA
Rx negative input (AC coupled)
27
RXINP
AI
ANA
Rx positive input (AC coupled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com