Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 23Page - STMicroelectronics STLC1511 Datasheet HTML 24Page - STMicroelectronics STLC1511 Datasheet HTML 25Page - STMicroelectronics STLC1511 Datasheet HTML 26Page - STMicroelectronics STLC1511 Datasheet HTML 27Page - STMicroelectronics STLC1511 Datasheet HTML 28Page - STMicroelectronics STLC1511 Datasheet HTML 29Page - STMicroelectronics STLC1511 Datasheet HTML 30Page - STMicroelectronics STLC1511 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29/31
STLC1511
4.6 Pin DC Electrical Specification
BT4CR is a CMOS tristate 4mA output pad buffer with slew rate control.
Table 24. General Interface Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Iil
Low level input current
Vi=0V
1
µA
Iih
High level input current
Vi=Vcc
1
µA
Ioz
Tri-state output leakage1
<1>The leakage currents are generally very small, < 1nA. The value given here, 1mA, is a maximum that can occur after an ESD
stress.
Vo=0V or Vcc
1
µA
Table 25. CMOS Output Pad (BT4CR) DC Electrical Characteristics
1, 2
<1>Characterized for VCC=3.0 to 3.6V. This pad must be characterized at VCC=5.0V+-5% and the table updated
<2>Assumes a 200mV voltage drop in both supply lines. This will not be the case in the STLC1511.
Parameter
Conditions
Min
Typ
Max
Unit
Vol
Low level output voltage
Iol=4mA
0.4
V
Voh
High level output voltage
Ioh=4mA
0.9*Vdd5
Vdd5
V
Table 26. TTL Input Pad (TLCHT) DC Electrical Characteristics1, 2
<1>Characterized for VCC=3.0 to 3.6V. This pad must be characterized at VCC=5.0V+-5% and the table updated
<2>Assumes a 200mV voltage drop in both supply lines. This will not be the case in the STLC1511.
Parameter
Conditions
Min
Typ
Max
Unit
Vil
Low level input voltage
0.8
V
Vih
High level input voltage
2.0
V
Vilhyst
Low level Threshold input falling
0.9
1.45
V
Vihyst
High level Threshold input rising
1.4
1.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com