Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 18Page - STMicroelectronics STLC1511 Datasheet HTML 19Page - STMicroelectronics STLC1511 Datasheet HTML 20Page - STMicroelectronics STLC1511 Datasheet HTML 21Page - STMicroelectronics STLC1511 Datasheet HTML 22Page - STMicroelectronics STLC1511 Datasheet HTML 23Page - STMicroelectronics STLC1511 Datasheet HTML 24Page - STMicroelectronics STLC1511 Datasheet HTML 25Page - STMicroelectronics STLC1511 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
STLC1511
22/31
Table 9. Detailed Register Map: AFE Control Byte 1
Title:
AFE Control 1 (Rx PGA Gain)
Label:
Rx Gain
Access Type:
R/W
Address:
000
Bits Used:
8
Description:
Rx PGA Gain Setting
Bit Label
Bit(s)
Value
Bit Description
Reset
RX Gain
b5-b0
0ŠDŠ40
DŠ40
Gain=D*0.5 dB
Gain=20 dB
000000
RX Gain MSB
b7-b6
00
01
10
11
Gain=0 dB
Gain=20 dB
Gain=6 dB
Gain=26 dB
0
Table 10. Detailed Register Map: AFE Control Byte 2
Title:
AFE Control 2 (Tx PGA Gain)
Label:
Tx Gain
Access Type:
R/W
Address:
001
Bits Used:
5
Description:
Tx PGA Gain Setting
Bit Label
Bit(s)
Value
Bit Description
Reset
TX Gain
b4-b0
0ŠDŠ16
DŠ16
Gain= -D*2 dB
Gain=-32 dB
00000
not used
b7-b5
000
Table 11. Detailed Register Map: AFE Control 3
Title:
AFE Control 3 (Power Down Reg)
Label:
Power Down
Access Type:
R/W
Address:
010
Bits Used:
3
Description:
Power Down Register
Bit Label
Bit(s)
Value
Bit Description
Reset
Tx Power Down1
b0
0
1
Power up transmit path
Power down transmit path
1
Rx Power Down2
b1
0
1
Power up receive path
Power down receive path
1
not used
b2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com