Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 10Page - STMicroelectronics STLC1511 Datasheet HTML 11Page - STMicroelectronics STLC1511 Datasheet HTML 12Page - STMicroelectronics STLC1511 Datasheet HTML 13Page - STMicroelectronics STLC1511 Datasheet HTML 14Page - STMicroelectronics STLC1511 Datasheet HTML 15Page - STMicroelectronics STLC1511 Datasheet HTML 16Page - STMicroelectronics STLC1511 Datasheet HTML 17Page - STMicroelectronics STLC1511 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
STLC1511
14/31
Figure 3. CO Frequency vs. Tuning Voltage
Figure 4. CO Frequency vs. Tuning Voltage
AF E
I
OSC N E
OSC N B
OSC PB
OSC PE
2.5v
I
Ce
Ce
C
π
C
π
VC AP
Charge P u m p
osc_o u tp
o sc_ou tn
L
1n
1n
Cv
L
C e=100pF
C
π=27pF
L =56nH
Cv=10pF
Rb=4k
Ω
Rx=1M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com