Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 7Page - STMicroelectronics STLC1511 Datasheet HTML 8Page - STMicroelectronics STLC1511 Datasheet HTML 9Page - STMicroelectronics STLC1511 Datasheet HTML 10Page - STMicroelectronics STLC1511 Datasheet HTML 11Page - STMicroelectronics STLC1511 Datasheet HTML 12Page - STMicroelectronics STLC1511 Datasheet HTML 13Page - STMicroelectronics STLC1511 Datasheet HTML 14Page - STMicroelectronics STLC1511 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11/31
STLC1511
Settling Time16
300
nsec
Time for PGA to settle to
3t accuracy after a
change in the control
word indicated by ENB
going high.
<1>For the purposes of this specification, a gain of 1V/V (i.e. 0dB) is defined as the ratio of the full scale DAC input word to the output
voltage at TXOP/TXON when the output from the Tx path is at 2.4Vp differential measured between TXOP and TXON.
<2>For G.lite the STLC1511 will support both CO and CPE applications. As such it needs to support rates from 30kHz to 120kHz
(CPE Transmit band) and 155kHz to 540kHz (CO Transmit band). 275kHz is roughly in the middle of the required frequency range.
<3>Will be tested at Vcc=5.0V, 27oC, and f=275kHz.
<4>Will be tested at Vcc=5.0V and f=275kHz.
<5>Will be tested at 27oC and f=275kHz.
<6>Will be tested at Vcc=5.0V and 27oC.
<7>Two tone distortion is measured with two sinewaves with each sinewave at an amplitude of 1/2 full scale. Tone one is at
f1=400kHz and tone two is at f2=500kHz. The two tone distortion requirement is measured from the rms voltage of a single signal
tone to the peak rms voltage of the distortion products.
<8>A multi-tone sine wave is used for the DS Multi-tone test. (The multi-tone signal will be 89 sinewaves equally spaced from
36*4.3125kHz to 125*4.3125kHz with a peak-to-rms ratio of 5.3V/V and an rms voltage equal to 1/5.3 of the peak full scale range
of the PGA.) Multi-tone measures the difference between the rms voltage of a single tone at the output to the rms voltage of the
peak distortion product at the output in the band of interest.
<9>A multi-tone sine wave is used for the US Multi-tone test. (The multi-tone signal will be 21 sinewaves equally spaced from
7*4.3125kHz to 28*4.3125kHz with a peak-to-rms ratio of 5.3V/V and an rms voltage equal to 1/5.3 of the peak full scale range
of the PGA.) Multi-tone test measures the difference between the rms voltage of a single tone at the output to the rms voltage of
the peak distortion product at the output in the band of interest.
<10>Noise voltage is specified as the noise spectral density (en) at the output. Conversion to power spectral density is as follows:
<11>The output referred noise voltage for the STLC1511 can be calculated as follows:
where G is the gain of the TxPGA expressed in dB.
<12>The output referred noise of the Tx path at the 0dB gain setting is mainly due to the output referred noise of the DAC amplified
by 5.3dB to the output of the chip. The DAC noise itself is made up of roughly equal contributions between quantization noise and
thermal noise. It is only the thermal noise portion which will significantly change between a typical and worst case device.
<13>The SNDR is the ratio of PSD of the signal to the PSD of the noise plus distortion. The input for this test is as described in h
above scaled by the gain to produce a full scale output signal.
<14>The effective noise plus distortion floor can be calculated from the SNDR based on the PSD of the output signal
.
So that for G=0, the effective noise plus distortion floor will be at -52.7dBm/Hz - 74dB = -126.7dBm/Hz and for G=max, the floor is
at -52.7dBm/Hz -32dB (cutback) - 53dB = -137.7dBm/Hz
<15>The SNDR is the ratio of PSD of the signal to the PSD of the noise plus distortion. The input for this test is as described in i above
scaled by the gain to produce a full scale output signal.
<16>1t settling time is roughly equivalent to the unity gain frequency of the PGA block.
Table 3. Transmit Path Specifications
Unless otherwise noted, typical specifications apply for VCC=5 Volts, temperature=2C, nominal process and
current. Maximum and minimum performance is with VCC ±5%, -40 =<Tjunction =< 105×C, and worst case process.
Description
min
typ
max
Units
Comments
PSD
10
en
2
100
----------
1000
×


log
×
=
en
40nV
·
Hz
()
2
10
G5.3
+
() 20
50nV
·
Hz
×
()
2
+
=
PSD
10
2.4
5.3
540kHz
155kHz
×
()
()
2
100
---------------------------------------------------------------------------------------------
1000
×


log
×
52.7dBm Hz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com