Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 22Page - STMicroelectronics STLC1511 Datasheet HTML 23Page - STMicroelectronics STLC1511 Datasheet HTML 24Page - STMicroelectronics STLC1511 Datasheet HTML 25Page - STMicroelectronics STLC1511 Datasheet HTML 26Page - STMicroelectronics STLC1511 Datasheet HTML 27Page - STMicroelectronics STLC1511 Datasheet HTML 28Page - STMicroelectronics STLC1511 Datasheet HTML 29Page - STMicroelectronics STLC1511 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
STLC1511
26/31
3.8 TIMING
Table 17. describes the timing relationships between important signals.
3.9 POWER UP RESET
When the voltage on the RESETN pin is low the bits in the control register will be reset as per the detailed reg-
ister maps in “Digital Interface And Memory Map” on page 20.
In addition, digital output pins, DTX, FRMCLK, and RXSOUT[1:0] are high impedance. The other digital outputs
are always as defined in Table 1 on page 2.
Table 17. Timing
Symbol
Parameter
Spec
Min
Typ 1
<1>Load on all output pads assumed to be < 25pF.This gives a delay through the TLCHT pad of approximately 5ns.
Spec
Max
Unit
s
tSENB
ENB falling to DIGCLK rising
1
5
ns
tHENB
ENB rising to DIGCLK falling
1
5
ns
tSDRX
Data in valid to DIGCLK falling
2
5
ns
tHDRX
DIGCLK falling to Data in hold
2
5
ns
tDDTX
DIGCLK rising to Data out valid
5
10
ns
tSCK35
TXSIN[1:0] valid to CK35M falling
2
5
ns
tHCK35
CK35M falling to TXSIN[1:0] hold
2
5
ns
tDRX
CK35M rising to RXSOUT[1:0] valid
5
10
ns
tDFC
CK35M rising to FRMCLK valid
5
10
ns
tDDRCK35
DIGREF rising to CK35M rising
10
12
20
ns
tRDIGREF
DIGREF rise time (20% to 80%)
1
2
3
ns
tFDIGREF
DIGREF fall time (80% to 20%)
1
2
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com