Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 5Page - STMicroelectronics STLC1511 Datasheet HTML 6Page - STMicroelectronics STLC1511 Datasheet HTML 7Page - STMicroelectronics STLC1511 Datasheet HTML 8Page - STMicroelectronics STLC1511 Datasheet HTML 9Page - STMicroelectronics STLC1511 Datasheet HTML 10Page - STMicroelectronics STLC1511 Datasheet HTML 11Page - STMicroelectronics STLC1511 Datasheet HTML 12Page - STMicroelectronics STLC1511 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9/31
STLC1511
3.3 TRANSMIT PATH SPECIFICATIONS
<19>Minimum DS frequency is 36*4.3125kHz=155.25kHz and as such the coupling capacitors between RXINP/N and RXDCIP/N
must be such that the high pass pole is ~15kHz (typical). With a 1kW minimum input impedance at RXDCIP/N this gives a capacitor
value of about 10nF. This gives a 1t settling time of 10ms.To guarantee 12-bit performance a minimum of 10t settling gives 100ms.
<20>Minimum DS frequency is 7*4.3125kHz=30.1875kHz and as such the coupling capacitors between RXINP/N and RXDCIP/N
must be such that the high pass pole is ~3kHz (typical). With a 1kW minimum input impedance at RXDCIP/N this gives a capacitor
value of about 53nF. This gives a 1t settling time of 53ms.To guarantee 12-bit performance a minimum of 10t settling gives 530ms.
Table 3. Transmit Path Specifications
Unless otherwise noted, typical specifications apply for VCC=5 Volts, temperature=27×C, nominal process and
current. Maximum and minimum performance is with VCC ±5%, -40 =<Tjunction =< 105×C, and worst case process.
Description
min
typ
max
Units
Comments
Absolute Gain1 2
0 =< D =< 16
D > 16
-(2 · D) - 1.8
-33.8
-(2 · D)
-32.0
-(2 · D) - 1.0
-31.0
dB
Where “D” is the binary
value in b[11:7] of the
control word.
Includes Vcc,
temperature, process,
and frequency variation.
Gain Step Size
1.8
2.0
2.2
dB
For a 1 LSB change in
the control word at a
fixed frequency f (30kHz
=< f =< 540kHz)
Relative Gain Accuracy3
(relative to ideal gain of 2dB per
step.)
-0.4
+0.4
dB
For more than a 1LSB
change in the control
word.
Assumes a fixed Vcc,
temperature, and
frequency.
Gain Variation with Temperature4
-0.3
0.3
dB
For a fixed Vcc and
frequency f (30kHz =< f
=< 540kHz) relative to
27oC.
Gain Variation with Supply
Voltage5
-0.1
0.1
dB
For a fixed frequency f.
(30kHz =< f =< 540kHz)
and fixed temperature
relative to Vcc=5.0V.
Gain Variation with Frequency6
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
-0.6
-1.0
0
0
dB
For a fixed Vcc and
temperature.
relative to 30kHz
relative to 155kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com