Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 23Page - STMicroelectronics STLC1511 Datasheet HTML 24Page - STMicroelectronics STLC1511 Datasheet HTML 25Page - STMicroelectronics STLC1511 Datasheet HTML 26Page - STMicroelectronics STLC1511 Datasheet HTML 27Page - STMicroelectronics STLC1511 Datasheet HTML 28Page - STMicroelectronics STLC1511 Datasheet HTML 29Page - STMicroelectronics STLC1511 Datasheet HTML 30Page - STMicroelectronics STLC1511 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
27/31
STLC1511
4.0 PACKAGE INFORMATION, SUPPLY RATINGS, AND OPERATING ENVIRONMENT
4.1 The thermal impedance
The thermal impedance of the package is about 64
°C/W for the following conditions°
COMMENT ON RELIABILITY: The maximum continuous junction temperature for this part while meeting 20
year reliability is 125°C.
4.2 Environmental Conditions
4.3 Power Supply Input Limits
Table 21. defines the maximum and minimum power supply requirements to meet specifications as outlined in
section 3.2 and 3.3.
Table 18. Board Assumptions:
PC Board
6 layer, 1oz copper
Ambient Temperature
850C
Air Flow
natural convection
Power Dissipation
300mW
Table 19. Board Assumptions:
PC Board
6 layer, 1oz copper
Ambient Temperature
850C
Air Flow
natural convection
Power Dissipation
300mW
Table 20. Environment conditions
Ta Long-Term (Continuous)
-40 to +80 0C
Ta Short-Term
1
<1>Short-term is defined as no greater than 96 consecutive hours and 15 days per year.
-40 to +85 0C
Table 21. Power Supply Limits
Parameter
Limits
Unit
Conditions
min
typ
max1
Positive Supply Voltage
4.75
5
5.25
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com