Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 16Page - STMicroelectronics STLC1511 Datasheet HTML 17Page - STMicroelectronics STLC1511 Datasheet HTML 18Page - STMicroelectronics STLC1511 Datasheet HTML 19Page - STMicroelectronics STLC1511 Datasheet HTML 20Page - STMicroelectronics STLC1511 Datasheet HTML 21Page - STMicroelectronics STLC1511 Datasheet HTML 22Page - STMicroelectronics STLC1511 Datasheet HTML 23Page - STMicroelectronics STLC1511 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
STLC1511
20/31
Figure 10. Clip Indicator Output.
Bit 0 in the “AFE Status” register is also set to high
when a clip occurs. This bit can be disabled via the
control interface, see Table 8 on page 21 for more
details. This bit is cleared on read. For more informa-
tion see "Digital Interface And Memory Map" on page
20.
3.6.2 Tx Loop Back
When bit “b1” of register “011” (AFE Control 4) is as-
serted the data received on the TXSIN[1:0] pins is
converted to parallel and then sent directly to both the
DAC and the RX parallel data input replacing the usu-
al data from the ADC.
This allows a “loop back” to the input TX data from
TXSIN[1:0] to the RXSOUT[1:0] to help the testability
of the serial interface.
3.7 Digital Interface And Memory Map
All parametric specifications in Table 2 on page 6
and Table 3 on page 9 are guaranteed assuming that
the Digital Interface is inactive.
All parametric specifications in Table 2 and Table 3
are guaranteed assuming that the Digital Interface is
inactive. The digital interface operates at a rate of
35.328 MHz. The companion DSP chip, STLC1510,
sources the 35.328 MHz clock used by the AFE. To
minimize the impact of digital noise on the
STLC1511, this supplied clock is gated, and is only
enabled during data transfers and during reset. The
clock does not need to be present in order to re-
set the chip.
The processor interface consists of four pins: 1) the
35.328 MHz gated clock (DIGCLK); 2) a data in port
for data transfers (DRX); a data out pin for data trans-
fer (DTX); and 4) a chip select pin (ENB).
There are a total of 12 bits which are serially transmit-
ted between the STLC1510 and AFE during data
transfers. The gated clock lasts for a duration of 12
clock cycles. This 12 cycle interaction consists of a R/
W bit, a 3 bit address, and a 8 bit data word.
The format for this serial transaction is given below in
Figure 11.
C K 35M
FRM C L K
RX SO U T[0]
RX SO U T[1]
b[15:8]= 7F
b[7:0]= F F
RXSO U T [0]
RXSO U T [1]
b[15:8]= 80
b[7:0]= 00
P o sitive C lip
Nega tive C lip
Figure 11. Digital Interface Timing Diagram
DIGCK
ENB
(35MHz)
DATA[b7:b0] for write access
ADDRESS
R/W
DRX
[a2:a0]
DATA[b7:b0] for read access
DTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com