Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC1511 Datasheet HTML 1Page - STMicroelectronics STLC1511 Datasheet HTML 2Page - STMicroelectronics STLC1511 Datasheet HTML 3Page - STMicroelectronics STLC1511 Datasheet HTML 4Page - STMicroelectronics STLC1511 Datasheet HTML 5Page - STMicroelectronics STLC1511 Datasheet HTML 6Page - STMicroelectronics STLC1511 Datasheet HTML 7Page - STMicroelectronics STLC1511 Datasheet HTML 8Page - STMicroelectronics STLC1511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5/31
STLC1511
Figure 2. The block diagram of the STLC1511
3.2 Receive Path Specifications
Note: The first stage of the RxPGA provides a coarse gain of 0/20dB with a differential input or 6/26dB with a
single ended input. The second stage implements a programmable gain from 0dB to 20dB in 0.5dB steps.
12
14
B a nd ga p/
Bias Gen
14 -bit
12 -b it
AD C
DA C
4.416M
4.416M
35.328M /
5
8/4
69
2.56M /35.328M
2.56M
35.328M
(Externa l Clock M ode)
(O scillator M ode)
DI G C L K
EN B
DR X
RX IN N
RXI NP
T X SIN [1:0]
FR M C L K
R X S O U T [1:0]
C K 35M
TX O P
TX O N
FR E F
V CAP
2
2
G
OS C N E
OS C P E
OS C P B
OS C N B
DT X
90
°
DIG R E F
17.622M
RX O P IN P
RXO P I NN
+
-
2/3 /4/8
PFD
CP
+
-
G=1
fp=2M H z
fp= 2M H z
+
-
+
-+
-
Shaded blocks are only usabe when the PLL is active. Crystal based external resonator for the CPE Mode, LC
based resonator for the CO Oscillator Mode. 35.328 MHz external reference in CO External Clock Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com