Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 20Page - STMicroelectronics STLC1511 Datasheet HTML 21Page - STMicroelectronics STLC1511 Datasheet HTML 22Page - STMicroelectronics STLC1511 Datasheet HTML 23Page - STMicroelectronics STLC1511 Datasheet HTML 24Page - STMicroelectronics STLC1511 Datasheet HTML 25Page - STMicroelectronics STLC1511 Datasheet HTML 26Page - STMicroelectronics STLC1511 Datasheet HTML 27Page - STMicroelectronics STLC1511 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
STLC1511
24/31
Table 13. Detailed Register Map: AFE Control 5
Title:
AFE Control 5 (PLL Control)
Label:
PLL Control
Access Type:
R/W
Address:
100
Bits Used:
7
Description:
PLL Control Register
Bit Label
Bit(s)
Value
Bit Description
Reset
Clock Source Control
b0-b1
00
01
10
11
(CO External Clock Mode.) Output of
clock selection MUX is from FREF pin.
This state also powers down the PLL and
oscillator driver.
(CO Oscillator Mode.) Output of clock
selection MUX is from output of divide by
5.
(CPE Mode). Output of clock selection
MUX is from output of oscillator driver.
(Other CPE Mode). Output of clock
selection MUX is from output of oscillator
driver.
00
OSC Mode1
b2
0
1
(CO Oscillator mode.) AFE is configured
to drive external 88.32MHz LC oscillator.
(CPE mode.) AFE is configured to drive
external 35.328MHz crystal oscillator.
1
PLL Mode
b3
0
1
PLL active (PFD,CP active)
PLL Inactive (PFD,CP powered down)
0
FREF Mode2
b5-b4
00
01
10
11
FREF frequency is 2.56MHz
FREF frequency is 1.536MHz
FREF frequency is 2.048MHz
FREF frequency is 4.096MHz
00
DIGREF Enable
b6
0
1
DIGREF Output pin tristated
DIGREF Output pin active
1
reserved
b7
0
<1>Presently there is no difference in the oscillator driver between CO Oscillator and CPE modes so this bit is unused. However, it
may be required in the future and should be programmed correctly in case needed.
<2>For FREF at 2.56MHz (b5:b4 = “00”), the compare frequency for the PLL is at 1.28MHz. For all other FREF modes the compare
frequency is at 512kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com