Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC1511 Datasheet HTML 1Page - STMicroelectronics STLC1511 Datasheet HTML 2Page - STMicroelectronics STLC1511 Datasheet HTML 3Page - STMicroelectronics STLC1511 Datasheet HTML 4Page - STMicroelectronics STLC1511 Datasheet HTML 5Page - STMicroelectronics STLC1511 Datasheet HTML 6Page - STMicroelectronics STLC1511 Datasheet HTML 7Page - STMicroelectronics STLC1511 Datasheet HTML 8Page - STMicroelectronics STLC1511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1/31
STLC1511
November 2000
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
Wide transmit (~80dB) and receive (~69dB)
dynamic range to limit the external filtering
requirements for extended loop reach operation
s
Programmable tx gain: 0 ÷ -32dB in 2dB steps
s
14-bit D/A converter in transmit path
s
Programmable rx gain: 0 ÷40dB in 0.5dB steps
s
12-bit A/D converter in receive path
s
Integrated phase-locked loop with an externall
LC or crystal oscillator
s
Low power: 300mW @ 5.0V
s
64-pin TQFP package
1.0 GENERAL DESCRIPTION
The STLC1511 G.lite Analog Front End (AFE) chip
implements the analog transceiver functions required
in both a central office modem and a customer
premise modem. It connects the digital modem chip
with the loop driver and hybrid balance circuits. The
STLC1511 has been designed with excellent dynam-
ic range in order to greatly reduce the external filter-
ing requirements at the front end. The AFE chip and
its companion digital chip along with a loop driver, im-
plement the complete G.992.2 DMT modem solution.
The STLC1511 transmit path consists of a 14-bit
Nyquist rate D/A converter, followed by a program-
mable gain amplifier (TxPGA). The transmit gain is
programmable from 0 to -32dB in 2dB steps.
The STLC1511 receive path contains a buffer ampli-
fier followed by a programmable gain amplifier (RxP-
GA), a low pass anti-aliasing filter, and a 12-bit
Nyquist rate A/D converter. The RxPGA is digitally
programmable from 0 to 40dB in 0.5dB steps.
2.0 PACKAGING AND PIN INFORMATION
2.1 STLC1511 Pin Allocation
The pinout for the STLC1511 is depicted in Figure 1.
TQFP64
ORDERING NUMBER: STLC1511
PRODUCT PREVIEW
NorthenLite™ G.lite BiCMOS
Analog Front-End Circuit
Figure 1. STLC1511 pinout
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59 58 57 56
54
55
53 52 51 50 49
43
42
41
39
38
40
48
47
46
44
45
VSSDIGE1
RXSOUT[1]
RXSOUT[0]
CK35M
VDDDIG1
DIGREF
DIGCLK
DTX
VDDDIG2
VSSDIG2
VDDDIGE1
VCCPLL
VEEPLL
FREQ
OSCNB
OSCPB
OSCNE
QVEEBIAS
VEEBIAS
VCCBIAS
V3P75V
IREF50m
TQFP64
22 23 24 25 26
60
61
62
63
64
17 18 19 20 21
37
36
34
33
35
OSCPE
VCAP
VSSPLL
QVEEPLL
VDDPLL
12
13
14
15
16
QVEEADC
VCCADC
VEEADC
ENB
DRX


Similar Part No. - STLC1511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1510 STMICROELECTRONICS-STLC1510 Datasheet
426Kb / 40P
NorthenLite G.lite DMT Transceiver
Nov-2000
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
Nov-2000
More results

Similar Description - STLC1511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
Nov-2000
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Texas Instruments
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
Samsung semiconductor
S5N8943B SAMSUNG-S5N8943B Datasheet
263Kb / 22P
G.Lite ADSL Analog Front End IC
logo
STMicroelectronics
STLC1510 STMICROELECTRONICS-STLC1510 Datasheet
426Kb / 40P
NorthenLite G.lite DMT Transceiver
Nov-2000
logo
Texas Instruments
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com