Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 2Page - STMicroelectronics STLC1511 Datasheet HTML 3Page - STMicroelectronics STLC1511 Datasheet HTML 4Page - STMicroelectronics STLC1511 Datasheet HTML 5Page - STMicroelectronics STLC1511 Datasheet HTML 6Page - STMicroelectronics STLC1511 Datasheet HTML 7Page - STMicroelectronics STLC1511 Datasheet HTML 8Page - STMicroelectronics STLC1511 Datasheet HTML 9Page - STMicroelectronics STLC1511 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
STLC1511
6/31
Table 2. Receive Path Specifications
Unless otherwise noted, typical specifications apply for VCC=5.0Volts, temperature=2C, nominal process and
current. Maximum and minimum performance is with VCC±±5%, -40=<Tjunction=<105×C, and worst case process.
Description
min
typ
max
Units
Comments
1st Stage Absolute Gain1 2
Diff in to Diff out 3
D = 00
D = 01
Single ended in to Diff out 3
D = 10
D = 11
0
20
6
26
dB
dB
Where “D” is the binary
value in b[7:6] of the
control word.
Includes Vcc,
temperature, process,
and frequency variation.
2nd Stage Absolute Gain1 2
Diff in to Diff out 4
0 =< D =< 40
D > 40
(0.5 · D) - 1.8
18.2
(0.5 · D)
20
(0.5 · D) + 0.8
20.8
dB
Where “D” is the binary
value in b[5:0] of the
control word.
Includes Vcc,
temperature, process,
and frequency variation.
Relative Gain Accuracy5
(relative to ideal gain of 0.5dB per
LSB change.)
-0.4
+0.4
dB
For more than a 1LSB
change in the control
word.
Assumes a fixed Vcc,
temperature, and
frequency.
Gain Variation with Temperature6
-0.3
+0.3
dB
For a fixed Vcc and
frequency f (30kHz =< f
=< 540kHz) relative to
27oC.
Gain Variation with Supply
Voltage7
-0.1
+0.1
dB
For a fixed frequency f.
(30kHz =< f =< 540kHz)
and fixed temperature
relative to Vcc=5.0V.
Gain Variation with Frequency8
30kHz =< f =< 120kHz
155kHz =< f =< 540kHz
-1.0
-1.0
0
0
dB
For a fixed Vcc and
temperature.
relative to 30kHz
relative to 155kHz
Gain Step Size
For all steps except step 19.5 to
20dB (differential) or step 25.5 to
26dB (single ended)
For step 19.5 to 20dB
(differential) or step 25.5 to 26dB
(single ended)
0.4
0.3
0.5
0.5
0.6
0.7
dB
dB
For a 1 LSB change in
the control word at a
fixed frequency f. (30kHz
=< f =< 540kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com