Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 14Page - STMicroelectronics STLC1511 Datasheet HTML 15Page - STMicroelectronics STLC1511 Datasheet HTML 16Page - STMicroelectronics STLC1511 Datasheet HTML 17Page - STMicroelectronics STLC1511 Datasheet HTML 18Page - STMicroelectronics STLC1511 Datasheet HTML 19Page - STMicroelectronics STLC1511 Datasheet HTML 20Page - STMicroelectronics STLC1511 Datasheet HTML 21Page - STMicroelectronics STLC1511 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
STLC1511
18/31
3.5 Reference Voltages
3.6 Serial Interface
The serial interface on the AFE provides for transmis-
sion of transmit and receive data between the
STLC1511 and digital modem ASIC. This is accom-
plished with a two bit wide data stream in each direc-
tion plus the appropriate clocks. The data for the
transmit path is input to the AFE on the TXSIN[1:0]
pins and the data for the receive path is output on the
RXSOUT[1:0] pins.
The serial interface also consists of a 35.328MHz
clock (CK35M) which is generated in the STLC1510
and is used to retime the Tx data sent to the
STLC1511. It is also used in the STLC1511 to retime
the Rx data before it is sent to the digital chip.
A 4.416MHz pulse is also output from the STLC1511.
This pulse on pin FRMCLK is used to indicate the
start of the output and input data words. The align-
ment of the data to the FRMCLK signal is shown be-
low.
A diagram of this interface is show in Figure 11.
Note the MSB of each of the 8-bit registers is trans-
ferred first (MSB = b15/ b7.)
Note that the data word used by the converters is in
2’s complement notation.
Table 7. Reference Voltages/Currents
Unless otherwise noted, typical specifications apply for VCC = 5.0 V, temperature=25×C, nominal process and bias
current. Maximum and minimum performance is with VCC ± 5%, -40 =<T junction =< 105×C, and worst case process
and bias current.
Description
min
typ
max
Units
Comments
V3P75V Output voltage
3.6375
3.750
3.8625
Volts
measured at V3P75V
Output Referred Noise Voltage
at ANG
10
measured at V3P75V
TXDADC1 Output voltage
2.425
2.5V
2.575
Volts
measured at TXDADC1
TXDADC1 Output current
50
mA
measured at TXDADC1
External resistor at IREF
49
50
51
kW
assume 2%
External capacitor at V3P75V
0.22
mF
nV
Hz
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com