Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1511 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 19Page - STMicroelectronics STLC1511 Datasheet HTML 20Page - STMicroelectronics STLC1511 Datasheet HTML 21Page - STMicroelectronics STLC1511 Datasheet HTML 22Page - STMicroelectronics STLC1511 Datasheet HTML 23Page - STMicroelectronics STLC1511 Datasheet HTML 24Page - STMicroelectronics STLC1511 Datasheet HTML 25Page - STMicroelectronics STLC1511 Datasheet HTML 26Page - STMicroelectronics STLC1511 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
23/31
STLC1511
Rx Opamp Power
Down
b3
0
1
Power up RxPGA
Power down RxPGA
1
not used
b7-b4
0
<1>During power down the Tx serial interface is also disabled and TXSCLK is tristated.
<2>During power down the Rx serial interface is also disabled and RXSCLK and RXSOUT[1:0] are tristated
Table 12. Detailed Register Map: AFE Control 4
Title:
AFE Control 4 (Misc. Control)
Label:
Misc Control
Access Type:
R/W
Address:
011
Bits Used:
5
Description:
Mode Control/Misc.
Bit Label
Bit(s)
Value
Bit Description
Reset
Clip Indicator Enable
b0
0
1
Clip indicator disabled
Clip indicator enabled
1
Tx Loop back
b1
0
1
Normal operation
Test mode. Tx data sent to serial I/F is
muxed to Rx input and trasmitted via the
serial I/F
0
PLL Phase/Freq Input
Select (Test Mode)
b2
0
1
Source of PLL phase-frequency detector
feedback input.
Output of feedback dividers.
Signal on FREF is sent directly to PFD (ref
input) and signal on pin CK35M is sent
directly to PFD (vco input).
0
DIV Output
(Test Mode only)
b3-b4
00
01
10
11
normal operation
Output of DIV69 counter is output to
DIGREF pin
Output of DIV2/3/4/8 counter is output to
DIGREF pin
Output of DIV5 counter is output to
DIGREF pin
0
not used
b7-b5
000
Table 11. Detailed Register Map: AFE Control 3
Title:
AFE Control 3 (Power Down Reg)
Label:
Power Down
Access Type:
R/W
Address:
010
Bits Used:
3
Description:
Power Down Register
Bit Label
Bit(s)
Value
Bit Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com