Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 372Page - Renesas Technology Corp R8C2K Datasheet HTML 373Page - Renesas Technology Corp R8C2K Datasheet HTML 374Page - Renesas Technology Corp R8C2K Datasheet HTML 375Page - Renesas Technology Corp R8C2K Datasheet HTML 376Page - Renesas Technology Corp R8C2K Datasheet HTML 377Page - Renesas Technology Corp R8C2K Datasheet HTML 378Page - Renesas Technology Corp R8C2K Datasheet HTML 379Page - Renesas Technology Corp R8C2K Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 471 page
background image
R8C/2K Group, R8C/2L Group
19. A/D Converter
Rev.1.10
Dec 21, 2007
Page 359 of 450
REJ09B0406-0110
19.5
Internal Equivalent Circuit of Analog Input
Figure 19.10 shows the Internal Equivalent Circuit of Analog Input.
Figure 19.10
Internal Equivalent Circuit of Analog Input
VCC
Parasitic Diode
Chopper-type
Amplifier
A/D Successive
Conversion Register
Comparison
voltage
b1
b2
b0
VCC VSS
AN0
VSS
i=9
AN11
VREF
AVSS
Vref
Comparison reference voltage
(Vref) generator
SW1
SW2
AVCC
AMP
SW3
AVSS
VIN
SW4
SW5
SW1
Parasitic Diode
ON Resistor
Approx. 2k
Ω Wiring Resistor
Approx. 0.2k
Ω
ON Resistor
Approx. 0.6k
Ω
ON Resistor
Approx. 2k
Ω Wiring Resistor
Approx. 0.2k
Ω
i Ladder-type
Switches
A/D Control Register 0
ON Resistor
Approx. 0.6k f
Analog Input
Voltage
Sampling
Control Signal
ON Resistor
Approx. 5k
Ω
C = Approx.1.5pF
A/D Conversion
Interrupt Request
SW1 conducts only on the ports selected for analog input.
SW2 and SW3 are open when A/D conversion is not in progress;
their status varies as shown by the waveforms in the diagrams on the left.
SW4 conducts only when A/D conversion is not in progress.
SW5 conducts when compare operation is in progress.
Control signal
for SW2
Control signal
for SW3
Sampling Comparison
Connect to
Connect to
Connect to
Connect to
NOTE:
1. Use only as a standard for designing this data.
Mass production may cause some changes in device characteristics.
i Ladder-type
Wiring Resistors
Resistor
ladder
Reference
Control Signal
b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com