Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 374Page - Renesas Technology Corp R8C2K Datasheet HTML 375Page - Renesas Technology Corp R8C2K Datasheet HTML 376Page - Renesas Technology Corp R8C2K Datasheet HTML 377Page - Renesas Technology Corp R8C2K Datasheet HTML 378Page - Renesas Technology Corp R8C2K Datasheet HTML 379Page - Renesas Technology Corp R8C2K Datasheet HTML 380Page - Renesas Technology Corp R8C2K Datasheet HTML 381Page - Renesas Technology Corp R8C2K Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 471 page
background image
R8C/2K Group, R8C/2L Group
19. A/D Converter
Rev.1.10
Dec 21, 2007
Page 361 of 450
REJ09B0406-0110
19.7
Notes on A/D Converter
• Write to each bit (other than bit 6) in the ADCON0 register, each bit in the ADCON1 register, or the SMP bit
in the ADCON2 register when A/D conversion is stopped (before a trigger occurs).
When the VCUT bit in the ADCON1 register is changed from 0 (VREF not connected) to 1 (VREF
connected), wait for at least 1
µs before starting the A/D conversion.
• After changing the A/D operating mode, select an analog input pin again.
• When using the one-shot mode, ensure that A/D conversion is completed before reading the AD register. The
IR bit in the ADIC register or the ADST bit in the ADCON0 register can be used to determine whether A/D
conversion is completed.
• When using the repeat mode, select the frequency of the A/D converter operating clock φAD or more for the
CPU clock during A/D conversion.
• If the ADST bit in the ADCON0 register is set to 0 (A/D conversion stops) by a program and A/D conversion
is forcibly terminated during an A/D conversion operation, the conversion result of the A/D converter will be
undefined. If the ADST bit is set to 0 by a program, do not use the value of the AD register.
• Connect 0.1 µF capacitor between the P4_2/VREF pin and AVSS pin.
• Do not enter stop mode during A/D conversion.
• Do not enter wait mode when the CM02 bit in the CM0 register is set to 1 (peripheral function clock stops in
wait mode) during A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com