Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 373Page - Renesas Technology Corp R8C2K Datasheet HTML 374Page - Renesas Technology Corp R8C2K Datasheet HTML 375Page - Renesas Technology Corp R8C2K Datasheet HTML 376Page - Renesas Technology Corp R8C2K Datasheet HTML 377Page - Renesas Technology Corp R8C2K Datasheet HTML 378Page - Renesas Technology Corp R8C2K Datasheet HTML 379Page - Renesas Technology Corp R8C2K Datasheet HTML 380Page - Renesas Technology Corp R8C2K Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 471 page
background image
R8C/2K Group, R8C/2L Group
19. A/D Converter
Rev.1.10
Dec 21, 2007
Page 360 of 450
REJ09B0406-0110
19.6
Output Impedance of Sensor under A/D Conversion
To carry out A/D conversion properly, charging the internal capacitor C shown in Figure 19.11 has to be completed
within a specified period of time. T (sampling time) as the specified time. Let output impedance of sensor
equivalent circuit be R0, internal resistance of microcomputer be R, precision (error) of the A/D converter be X,
and the resolution of A/D converter be Y (Y is 1024 in the 10-bit mode, and 256 in the 8-bit mode).
VC is generally
And when t = T,
Hence,
Figure 19.11 shows the Analog Input Pin and External Sensor Equivalent Circuit. When the difference between
VIN and VC becomes 0.1LSB, we find impedance R0 when voltage between pins VC changes from 0 to VIN-(0.1/
1024) VIN in time T. (0.1/1024) means that A/D precision drop due to insufficient capacitor charge is held to
0.1LSB at time of A/D conversion in the 10-bit mode. Actual error however is the value of absolute precision
added to 0.1LSB.
When f(XIN) = 10 MHz, T = 0.25
µs in the A/D conversion mode without sample and hold. Output impedance R0
for sufficiently charging capacitor C within time T is determined as follows.
T = 0.25
µs, R = 2.8 kΩ, C = 6.0 pF, X = 0.1, and Y = 1024. Hence,
Thus, the allowable output impedance of the sensor equivalent circuit, making the precision (error) 0.1LSB or less,
is approximately 1.7 k
Ω. maximum.
Figure 19.11
Analog Input Pin and External Sensor Equivalent Circuit
R0
R (2.8 k
Ω)
C (6.0 pF)
VIN
VC
MCU
Sensor equivalent
circuit
NOTE:
1. The capacity of the terminal is assumed to be 4.5 pF.
R0
T
C
X
Y
----
ln
•
-------------------
–R
–
=
1
CR0
R
+
()
--------------------------
–T
X
Y
----
ln
=
e
1
CR0
R
+
()
--------------------------T
–
X
Y
----
=
VC
VIN
X
Y
---- VIN
VIN 1
X
Y
----
–


=
–
=
VC
VIN 1
e
1
CR0
R
+
()
--------------------------
–
t
–



=
R0
0.25
10
6
–
×
6.0
10
12
–
0.1
1024
------------
ln
•
×
---------------------------------------------------
–
=2.8
3
×10
–
1.7
3
×10
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com