Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 379Page - Renesas Technology Corp R8C2K Datasheet HTML 380Page - Renesas Technology Corp R8C2K Datasheet HTML 381Page - Renesas Technology Corp R8C2K Datasheet HTML 382Page - Renesas Technology Corp R8C2K Datasheet HTML 383Page - Renesas Technology Corp R8C2K Datasheet HTML 384Page - Renesas Technology Corp R8C2K Datasheet HTML 385Page - Renesas Technology Corp R8C2K Datasheet HTML 386Page - Renesas Technology Corp R8C2K Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 366 of 450
REJ09B0406-0110
20.4
CPU Rewrite Mode
In CPU rewrite mode, the user ROM area can be rewritten by executing software commands from the CPU.
Therefore, the user ROM area can be rewritten directly while the MCU is mounted on a board without using a
ROM programmer. Execute the software command only to blocks in the user ROM area.
The flash module has an erase-suspend function when an interrupt request is generated during an erase operation in
CPU rewrite mode. It performs an interrupt process after the erase operation is halted temporarily. During erase-
suspend, the user ROM area can be read by a program.
In case an interrupt request is generated during an auto-program operation in CPU rewrite mode, the flash module
has a program-suspend function which performs the interrupt process after the auto-program operation is
suspended. During program-suspend, the user ROM area can be read by a program.
CPU rewrite mode has an erase write 0 mode (EW0 mode) and an erase write 1 mode (EW1 mode). Table 20.3 lists
the Differences between EW0 Mode and EW1 Mode.
Table 20.3
Differences between EW0 Mode and EW1 Mode
Item
EW0 Mode
EW1 Mode
Operating mode
Single-chip mode
Single-chip mode
Areas in which a rewrite
control program can be
executed
RAM (Rewrite control program is
executed after being transferred)
User ROM or RAM
Rewritable areas
User ROM
User ROM
However, blocks which contain a rewrite
control program are excluded
Software command
restrictions
None
• Program and block erase commands
Cannot be run on any block which
contains a rewrite control program
• Read status register command
Cannot be executed
Modes after program or
erase
Read status register mode
Read array mode
Modes after read status
register
Read status register mode
Do not execute this command
CPU status during auto-
write and auto-erase
Operating
Hold state (I/O ports hold state before the
command is executed)
Flash memory status
detection
• Read bits FMR00, FMR06, and FMR07
in the FMR0 register by a program
• Execute the read status register
command and read bits SR7, SR5, and
SR4 in the status register.
Read bits FMR00, FMR06, and FMR07 in
the FMR0 register by a program
Conditions for transition to
erase-suspend
Set bits FMR40 and FMR41 in the FMR4
register to 1 by a program.
The FMR40 bit in the FMR4 register is set
to 1 and the interrupt request of the
enabled maskable interrupt is generated
Conditions for transitions to
program-suspend
Set bits FMR40 and FMR42 in the FMR4
register to 1 by a program.
The FMR40 bit in the FMR4 register is set
to 1 and the interrupt request of the
enabled maskable interrupt is generated
CPU clock
5 MHz or below
No restriction (on clock frequency to be
used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com