Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 381Page - Renesas Technology Corp R8C2K Datasheet HTML 382Page - Renesas Technology Corp R8C2K Datasheet HTML 383Page - Renesas Technology Corp R8C2K Datasheet HTML 384Page - Renesas Technology Corp R8C2K Datasheet HTML 385Page - Renesas Technology Corp R8C2K Datasheet HTML 386Page - Renesas Technology Corp R8C2K Datasheet HTML 387Page - Renesas Technology Corp R8C2K Datasheet HTML 388Page - Renesas Technology Corp R8C2K Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 368 of 450
REJ09B0406-0110
• FMR00 Bit
This bit indicates the operating status of the flash memory. The bits value is 0 during programming, erasure
(including suspend periods), or erase-suspend mode; otherwise, it is 1.
• FMR01 Bit
The MCU is made ready to accept commands by setting the FMR01 bit to 1 (CPU rewrite mode).
• FMR02 Bit
Rewriting of blocks 0 and 1 does not accept program or block erase commands if the FMR02 bit is set to 0
(rewrite disabled).
Rewriting of blocks 0 and 1 is controlled by bits FMR15 and FMR16 if the FMR02 bit is set to 1 (rewrite
enabled).
• FMSTP Bit
This bit is used to initialize the flash memory control circuits, and also to reduce the amount of current
consumed by the flash memory. Access to the flash memory is disabled by setting the FMSTP bit to 1.
Therefore, the FMSTP bit must be written to by a program transferred to the RAM.
In the following cases, set the FMSTP bit to 1:
- When flash memory access resulted in an error while erasing or programming in EW0 mode (FMR00 bit not
initialized to 1 (ready))
- To provide lower consumption in low-speed on-chip oscillator mode and low-speed clock mode.
Note that when going to stop or wait mode while the CPU rewrite mode is disabled, the FMR0 register does
not need to be set because the power for the flash memory is automatically turned off and is turned back on
again after returning from stop or wait mode.
• FMR06 Bit
This is a read-only bit indicating the status of an auto-program operation. The bit is set to 1 when a program
error occurs; otherwise, it is set to 0. For details, refer to the description in Table 20.4 Errors and FMR0
Register Status.
• FMR07 Bit
This is a read-only bit indicating the status of an auto-erase operation. The bit is set to 1 when an erase error
occurs; otherwise, it is set to 0. Refer to Table 20.4 Errors and FMR0 Register Status for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com