Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 380Page - Renesas Technology Corp R8C2K Datasheet HTML 381Page - Renesas Technology Corp R8C2K Datasheet HTML 382Page - Renesas Technology Corp R8C2K Datasheet HTML 383Page - Renesas Technology Corp R8C2K Datasheet HTML 384Page - Renesas Technology Corp R8C2K Datasheet HTML 385Page - Renesas Technology Corp R8C2K Datasheet HTML 386Page - Renesas Technology Corp R8C2K Datasheet HTML 387Page - Renesas Technology Corp R8C2K Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 367 of 450
REJ09B0406-0110
20.4.1
Register Description
The registers used in CPU rewrite mode are described.
20.4.1.1
FMR0 Register (FMR0)
Figure 20.4 shows the FMR0 Register.
Figure 20.4
FMR0 Register
Flash Memory Control Register 0
Symbol
Address
After Reset
FMR0
01B7h
00000001b
Bit Symbol
Bit Name
Function
RW
RY/BY
____
status flag
NOTES:
1.
2.
3.
4.
5.
6. When setting the FMR01 bit to 0 (CPU rew rite mode disabled), the FMR02 bit is set to 0 (rew rite disabled).
FMR07
b3 b2 b1 b0
0 : Rew rite disabled
1 : Rew rite enabled
Flash memory stop bit(3, 5)
0 : Flash memory operates
1 : Flash memory stops
(low -pow er consumption state
and flash memory initialization)
FMR01
Blocks 0 and 1 rew rite enable
bit(2, 6)
0 : Busy (w riting or erasing in progress)
1 : Ready
CPU rew rite mode select bit(1)
0 : CPU rew rite mode disabled
1 : CPU rew rite mode enabled
00
b7 b6 b5 b4
Reserved bits
Set to 0.
RW
FMR02
RW
RW
—
(b5-b4)
FMR00
FMSTP
RW
RO
RO
RO
This bit is set to 0 by executing the clear status command.
This bit is enabled w hen the FMR01 bit is set to 1 (CPU rew rite mode). When the FMR01 bit is set to 0, w riting 1 to the
FMSTP bit causes the FMSTP bit to be set to 1. The flash memory does not enter low -pow er consumption state nor is
it initialized.
FMR06
To set this bit to 1, set it to 1 immediately after setting it first to 0. Do not generate an interrupt betw een setting the bit
to 0 and setting it to 1. Enter read array mode and set this bit to 0.
Set this bit to 1 immediately after setting it first to 0 w hile the FMR01 bit is set to 1.
Do not generate an interrupt betw een setting the bit to 0 and setting it to 1.
Set this bit by a program located in a space other than the flash memory.
Program status flag(4)
0 : Completed successfully
1 : Terminated in error
Erase status flag(4)
0 : Completed successfully
1 : Terminated in error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com