Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 384Page - Renesas Technology Corp R8C2K Datasheet HTML 385Page - Renesas Technology Corp R8C2K Datasheet HTML 386Page - Renesas Technology Corp R8C2K Datasheet HTML 387Page - Renesas Technology Corp R8C2K Datasheet HTML 388Page - Renesas Technology Corp R8C2K Datasheet HTML 389Page - Renesas Technology Corp R8C2K Datasheet HTML 390Page - Renesas Technology Corp R8C2K Datasheet HTML 391Page - Renesas Technology Corp R8C2K Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 371 of 450
REJ09B0406-0110
20.4.1.3
FMR4 Register (FMR4)
Figure 20.6 shows the FMR4 Register.
Figure 20.6
FMR4 Register
Flash Memory Control Register 4
Symbol
Address
After Reset
FMR4
01B3h
01000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5. Set the FMR01 bit to 0 (CPU rew rite mode disabled) in low -current-consumption read mode.
To set this bit to 1, set it to 1 immediately after setting it first to 0. Do not generate an interrupt betw een setting the bit
to 0 and setting it to 1.
This bit is enabled w hen the FMR40 bit is set to 1 (enabled) and it can be w ritten to during the period betw een
issuing an erase command and completing the erase. (This bit is set to 0 during periods other than the above.)
In EW0 mode, it can be set to 0 or 1 by a program.
In EW1 mode, it is automatically set to 1 if a maskable interrupt is generated during an erase
operation w hile the FMR40 bit is set to 1. Do not set this bit to 1 by a program (0 can be w ritten).
b3 b2 b1 b0
FMR41
—
(b5)
0
FMR40
FMR42
b7 b6 b5 b4
RW
RW
Erase-suspend function
enable bit(1)
0 : Reading disabled
1 : Reading enabled
0 : Disabled
1 : Enabled
Erase-suspend request bit(2)
0 : Erasure restarts
1 : Erase-suspend request
RO
RO
Set to 0.
FMR46
Program-suspend request bit(3) 0 : Programming restarts
1 : Program-suspend request
RW
FMR43
Erase command flag
0 : Erase not executed
1 : Erase execution in progress
RO
FMR44
Reserved bit
In high-speed clock mode and high-speed on-chip oscillator mode, set the FMR47 bit to 0 (disabled).
Program command flag
0 : Program not executed
1 : Program execution in progress
RO
The FMR42 bit is enabled only w hen the FMR40 bit is set to 1 (enabled) and programming to the FMR42 bit is enabled
until auto-programming ends after a program command is generated. (This bit is set to 0 during periods other than the
above.)
In EW0 mode, 0 or 1 can be programmed to the FMR42 bit by a program.
In EW1 mode, the FMR42 bit is automatically set to 1 by generating a maskable interrupt during auto-programming
w hen the FMR40 bit is set to 1. 1 cannot be w ritten to the FMR42 bit by a program.
FMR47
Read status flag
RW
Low -current-consumption
read mode enable bit (1, 4, 5)
0 : Disabled
1 : Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com